công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Q20PLP bảng dữ liệu(PDF) 5 Page - Banner Engineering Corp.

tên linh kiện Q20PLP
Giải thích chi tiết về linh kiện  Q20 Series Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q20PLP bảng dữ liệu(HTML) 5 Page - Banner Engineering Corp.

  Q20PLP Datasheet HTML 1Page - Banner Engineering Corp. Q20PLP Datasheet HTML 2Page - Banner Engineering Corp. Q20PLP Datasheet HTML 3Page - Banner Engineering Corp. Q20PLP Datasheet HTML 4Page - Banner Engineering Corp. Q20PLP Datasheet HTML 5Page - Banner Engineering Corp. Q20PLP Datasheet HTML 6Page - Banner Engineering Corp. Q20PLP Datasheet HTML 7Page - Banner Engineering Corp. Q20PLP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Fixed-Field Excess Gain (based on 90% reflectance white test card)
Ø 6 mm spot size at 25 mm
Ø 6 mm spot size at 50 mm cutoff
Using 18% gray test card: cutoff distance will be
95% of value shown
Using 6% black test card: cutoff distance will be
90% of value shown
Ø 6 mm spot size at 50 mm
Ø 6 mm spot size at 100 mm cutoff
Using 18% gray test card: cutoff distance will be
90% of value shown
Using 6% black test card: cutoff distance will be
85% of value shown
Ø 6 mm spot size at 75 mm
Ø 9 mm spot size at 150 mm cutoff
Using 18% gray test card: cutoff distance will be
80% of value shown
Using 6% black test card: cutoff distance will be
70% of value shown
See
Accessories (p. 5), the Accessories section of the current Banner catalog, or www.bannerengineering.com for complete
information.
Note: Polarized sensors require corner cube type retroreflective targets only.
Dimensions
25.4 mm
(1.00")
3.3 mm
(0.13")
3.3 mm
(0.13")
32.0 mm
(1.26")
42.0 mm
(1.65")
1.8 mm
(0.07")
12.0 mm (0.47")
2X M3 X0.5
Max. Torque
0.56 Nm (5 in. lbs.)
Cabled and Pigtail QD Models
Integral QD
Models
2 - M3 screws (12 mm)
washers included
9.9 mm
(0.39")
10.5 mm
(0.42")
20.0 mm
(0.79")
Accessories
Mounting Brackets
SMBQ20L
•
Sensor vertical base mount
•
±5° tip, ±7° swivel
•
Stainless steel
40
16
14
4 X
Ø3.2
4 X
Ø3.4
SMBQ20LV
•
Sensor vertical back mount
•
±10° tip
•
Stainless steel
36
31
15
Ø3.2
2 X
Ø3.2
4 X
Ø3.4
WORLD-BEAM® Q20 Series Sensor
P/N 127816 Rev. M
www.bannerengineering.com - Tel: + 1 888 373 6767
5



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com