| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7282 bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7282 bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 23 page ![]() ST7282A5 - ST7282B5 - ROM FROM EPROM Family Issuer Ref. Chrono March 26, 1997 Previous Ref Edition ST7 PG-RO 97115 7282A5B5 Target C Page 15/23 2.2.2.2 Working with 1/4 Bias Depending on the selected display material, the operating mode and the display voltage VLCD, it is possible to reduce the LCD resistor chain to 4 re- sistors, and operate with the 1/4 bias method. If VLCD35 and VLCD25 are connected to the same voltage, the segment and backplane drivers will work in the same way as with 1/5 bias, but the resulting waveforms will look a bit different : Figure 5. Waveform on common and on segment output working with Bias 1/4 VLCD 4/5 3/5 2/5 1/5 GND VLCD 4/5 3/5 2/5 1/5 GND 0 101 01 0 1 ST6LC351.DS4 SEGMENT SELECTED SEGMENT OFF VLCD GND VLCD GND 01 01 01 0 1 1/4 2/4 3/4 1/4 2/4 3/4 SEGMENT SELECTED SEGMENT OFF ST6LC362.DS4 |