| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LNBEH21PD bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LNBEH21PD bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 22 page ![]() LNBEH21 7/22 Figure 6: Acknowledge On I2C Bus LNBEH21 SOFTWARE DESCRIPTION INTERFACE PROTOCOL The interface protocol comprises: - A start condition (S) - A chip address byte = hex 10 / 11 (the LSB bit determines read(=1)/write(=0) transmission) - A sequence of data (1 byte + acknowledge) - A stop condition (P) ACK= Acknowledge; S = Start; P = Stop; R/W = Read/Write SYSTEM REGISTER (SR, 1 BYTE) R,W = read and write bit; R = Read-only bit All bits reset to 0 at Power-On TRANSMITTED DATA (I2C BUS WRITE MODE) When the R/W bit in the chip address is set to 0, the main µP can write on the System Register (SR) of the LNBEH21 via I2C bus. Only 6 bits out of the 8 available can be written by the µP, since the remaining 2 are left to the diagnostic flags, and are read-only. CHIP ADDRESS DATA MSB LSB MSB LSB S 0001000 R/W ACK ACK P MSB LSB R, W R, W R, W R, W R, W R, W R R PCL TTX OM LLC VOM EN OTF OLF |