| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3946 bảng dữ liệu(PDF) 13 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
3946 bảng dữ liệu(HTML) 13 Page - Allegro MicroSystems |
|
13 / 14 page ![]() 13 Worcester, Massachusetts 01615-0036 (508) 853-5000 115 Northeast Cutoff, Box 15036 www.allegromicro.com 3946 Half-Bridge Power MOSFET Controller A3946KLB SOIC NOTES: 1. Exact body and lead configuration at vendor’s option within limits shown. 2. Lead spacing tolerance is non-cumulative. 3. Supplied in standard sticks/tubes of 49 devices or add “TR” to part number for tape and reel. .406 .398 10.31 10.11 .299 .291 7.59 7.39 .414 .398 10.52 10.11 .020 .014 0.51 0.36 .026 REF 0.66 .050 BSC 1.27 .012 .004 0.30 0.10 .104 .096 2.64 2.44 .040 .020 1.02 0.51 .011 .009 0.28 0.23 8º 0º Dimensions in inches Metric dimensions (mm) in brackets, for reference only 2 1 16 Webbed lead frame. Leads 4 and 13 are joined together within the device package. A3946KLP TSSOP with Exposed Thermal Pad 0.20 0.09 0.008 0.004 8º 0º .75 .45 0.030 0.018 1.20 MAX 0.047 .15 .00 0.006 0.000 .30 .19 0.012 0.007 4.5 4.3 0.177 0.169 6.6 6.2 0.260 0.244 1 REF 0.039 5.1 4.9 0.201 0.193 2 1 16 .65 BSC .026 Dimensions in millimeters U.S. Customary dimensions (in.) in brackets, for reference only A Exposed thermal pad (bottom surface) Gauge Plane Seating Plane 3 BSC 0.118 3 BSC 0.118 .25 BSC 0.010 A 2 1 16 .65 BSC .026 Dimensions in millimeters U.S. Customary dimensions (in.) in brackets, for reference only A Exposed thermal pad (bottom surface) Gauge Plane Seating Plane 3 BSC 0.118 3 BSC 0.118 .25 BSC 0.010 A |