| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HB28K032MM3 bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28K032MM3 bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp |
|
49 / 91 page ![]() HB28K032/L064/J128/J256/J512MM3, HB28K032/L064/J128/J256RM3 Rev.0.02, Sep.15.2004, page 49 of 89 The host command and the card response are clocked out with the rising edge of the host clock. The delay between host command and card response is N CR clock cycles. The following timing diagram is relevant for host command CMD3: S T content CRC E Z * * * * * * Z CMD Host command S T content CRC E Z Z Z Response NCR cycles Host active Card active Command Response Timing (Identification Mode) There is just one Z bit period followed by P bits pushed up by the responding card. The following timing diagram is relevant for all host commands followed by a response, except CMD1, CMD2 and CMD3: S T content CRC E Z Z P * * * P CMD Host command S T content CRC E Z Z Z Response Card active NCR cycles Host active Command Response Timing (Data Transfer Mode) • Card identification and card operation conditions timing The card identification (CMD2) and card operation condition (CMD1) timing are processed in the open- drain mode. The card response to the host command starts after exactly N ID clock cycles. S T content CRC E Z * * * Z CMD Host command S T content Z Z Z CID or OCR NID cycles Host active Card active Identification Timing (Card Identification Mode) • Last card response - next host command timing After receiving the last card response, the host can start the next command transmission after at least N RC clock cycles. This timing is relevant for any host command. S T content CRC E Z * * * * * * Z CMD Response S T content CRC E Host command NRC cycles Card active Host active Timing Response End to Next CMD Start (Data Transfer Mode) |