| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA56004GDP bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SA56004GDP bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
|
7 / 23 page ![]() Philips Semiconductors Product data sheet SA56004X ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms 2004 Oct 06 7 PERFORMANCE CURVES SL02164 TEMPERATURE ( °C) –50 0 25 50 100 125 0 75 –25 4 8 12 16 20 VDD = 3.6 V VDD = 3.3 V VDD = 5.5 V VDD = 3.0 V Figure 4. Typical IDD shutdown versus temperature and VDD SL02157 TEMPERATURE ( °C) –50 0 25 50 100 125 100 75 –25 150 200 250 300 400 VCC = 3.6 V VCC = 3.3 V VCC = 5.5 V VCC = 3.0 V 350 Figure 5. Typical IDD quiescent current versus temperature and VDD (conversion rate = 0.06 Hz) SL02158 TEMPERATURE ( °C) –50 0 25 50 100 125 200 75 –25 300 400 500 600 700 VDD = 3.6 V VDD = 3.3 V VDD = 5.5 V VDD = 3.0 V Figure 6. Typical IDD quiescent current versus temperature and VDD (conversion rate = 16 Hz) SL02159 TEMPERATURE ( °C) –50 0 25 50 100 125 100 75 –25 200 300 400 500 8.0 Hz 4.0 Hz 16 Hz 2.0 Hz 1.0 Hz 0.25 Hz 0.5 Hz 0.12 Hz 0.06 Hz Figure 7. Typical IDD quiescent current versus temperature and conversion rate (VDD = 3.3 V) |