công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA56004FDP bảng dữ liệu(PDF) 22 Page - NXP Semiconductors

tên linh kiện SA56004FDP
Giải thích chi tiết về linh kiện  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004FDP bảng dữ liệu(HTML) 22 Page - NXP Semiconductors

Back Button SA56004FDP Datasheet HTML 15Page - NXP Semiconductors SA56004FDP Datasheet HTML 16Page - NXP Semiconductors SA56004FDP Datasheet HTML 17Page - NXP Semiconductors SA56004FDP Datasheet HTML 18Page - NXP Semiconductors SA56004FDP Datasheet HTML 19Page - NXP Semiconductors SA56004FDP Datasheet HTML 20Page - NXP Semiconductors SA56004FDP Datasheet HTML 21Page - NXP Semiconductors SA56004FDP Datasheet HTML 22Page - NXP Semiconductors SA56004FDP Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
22
REVISION HISTORY
Rev
Date
Description
_3
20041006
Product data sheet (9397 750 13841). Supersedes Objective data of 2003 Sep 03 (9397 750 12015).
Modifications:
• Change data sheet status from “Objective data” to “Product data”
• “Features” section:
– 4th bullet: change marking code from “ARW” to “56004E/600E”
– add (new) 8th bullet
– add (new) 13th bullet
• Figure 1, “Simplified system diagram” modified.
• Table 1: add Marking codes
• “Maximum ratings” table: add V
esd ratings, and Note 1.
• “Electrical characteristics” table:
– change description line below title from “Tamb = 25 °C, ...” to “Tamb = 0 °C to +125 °C, ...”
– Symbol IDD, Quiescent current: change Condition from “26 Hz conversion rate” to “16 Hz conversion rate”
• Change section “Technical description”, “General discussion” to “Block diagram”
• Figure 4 modified.
• Table 5: change title from “Configuration Register (CR) bit assignments” to “Configuration register (CON) bit
assignments”
• Section “Customer programmable offset register (remote only)” renamed to “Programmable offset register (remote
only)”
• Add section “Remote diode selection”
• Section “Printed Circuit Board layout considerations”: List item #6 re-written.
_2
20030903
Objective data (9397 750 12015). Replaces SA56004-X_1 dated 2003 Aug 19 (9397 750 10993).
_1
20030819
Objective data (9397 750 10993).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com