công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA56004BDP bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện SA56004BDP
Giải thích chi tiết về linh kiện  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004BDP bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  SA56004BDP Datasheet HTML 1Page - NXP Semiconductors SA56004BDP Datasheet HTML 2Page - NXP Semiconductors SA56004BDP Datasheet HTML 3Page - NXP Semiconductors SA56004BDP Datasheet HTML 4Page - NXP Semiconductors SA56004BDP Datasheet HTML 5Page - NXP Semiconductors SA56004BDP Datasheet HTML 6Page - NXP Semiconductors SA56004BDP Datasheet HTML 7Page - NXP Semiconductors SA56004BDP Datasheet HTML 8Page - NXP Semiconductors SA56004BDP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2
2004 Oct 06
GENERAL DESCRIPTION
The Philips SA56004X is an SMBus compatible, 11-bit remote/local
digital temperature sensor with over temperature alarms. The
remote channel of the SA56004 monitors a diode junction, such as a
substrate PNP of a microprocessor or a diode connected transistor
such as the 2N3904 (NPN) or 2N3906 (PNP). With factory trimming,
remote sensor accuracy of
±1°C is achieved.
Under and over temperature alert thresholds can be programmed to
cause the ALERT output to indicate when the on-chip or remote
temperature is out of range. This output may be used as a system
interrupt or SMBus alert. The T_CRIT output is activated when the
on-chip or remote temperature measurement rises above the
programmed T_CRIT threshold register value. This output may be
used to activate a cooling fan, send a warning or trigger a system
shutdown. To further enhance system reliability, the SA56004X
employs an SMBus time-out protocol. The SA56004X has a unique
device architecture which is patented (U.S. patent #6542020).
The SA56004X is available in the SO8 and TSSOP8 packages.
SA56004X has 8 factory-programmed, device address options.
The SA56004X is pin-compatible with the LM86, MAX6657/8, and
ADM1032.
Patents
Notice is herewith given that the subject device uses one or more of
the following patents and that each of these patents may have
corresponding patents in other jurisdictions:
Patent No. US 6,542,020 B2 — owned by Koninklijke Philips
Electronics N.V., Eindhoven (NL).
SO8
TSSOP8
FEATURES
• Accurately senses temperature of remote microprocessor thermal
diodes or diode connected transistors within
±1 °C
• On-chip local temperature sensing
• 11-bit, 0.125 °C resolution
• 8 different device addresses are available for server applications.
The SA56004ED/EDP with marking code 56004E/600E is
address compatible with the National LM86, the MAX6657/8 and
the ADM1032.
• Offset registers available for adjusting the remote temperature
accuracy
• Programmable under/overtemperature alarms: ALERT and T_CRIT
• SMBus 2.0 compatible interface, supports TIMEOUT
• Operating voltage range: 3.0 V to 3.6 V
• I2C-bus standard and fast mode compatible
• TSSOP8 and SO8 packages
• Programmable conversion rate (0.0625 Hz to 26 Hz)
• Undervoltage lockout prevents erroneous temperature readings
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
APPLICATIONS
• System thermal management in laptops, desktops, servers and
workstations
• Computers and office electronic equipment
• Electronic test equipment & instrumentation
• HVAC
• Industrial controllers and embedded systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com