công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PL2305 bảng dữ liệu(PDF) 1 Page - Prolific Technology Inc.

tên linh kiện PL2305
Giải thích chi tiết về linh kiện  USB to Printer Port Bridge Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PROLIFIC [Prolific Technology Inc.]
Trang chủ  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2305 bảng dữ liệu(HTML) 1 Page - Prolific Technology Inc.

  PL2305 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
PL2305I Product Brochure
V1.0 10/16/12’
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
OVERVIEW
The PL2305 integrated circuit provides a bi-directional bridge between the Universal Serial Bus (USB)
system and IEEE-1284 parallel port printers. It is designed to be a flexible, high performance, and low-cost
single-chip solution for USB cable as well as USB ready peripheral manufacturers.
The PL2305 controller is designed according to the USB Printer Class specification so that default inbox
driver is embedded in most of the popular operating systems such as Windows, Mac, and Linux. No separate
driver is needed to install. The PL2305 is default to negotiate with the printer into Nibble mode for upstream
data and Compatible mode for downstream data transfer.
The external serial EEPROM support gives the user of PL2305 options to customize this chip to show their
identity. The user could modify the Vendor ID, Product ID, Language ID, manufacturer string, and product
string of the final product. They could also use this EEPROM to store authorization/security codes. For large
quantity orders, it is also possible to modify the Maskable ROM (Read Only Memory) of PL2305 to better
represent the final product manufacturer and thus eliminate the need for external EEPROM.
FEATURES
Configurable outbound and inbound buffer
Full compliance with the Universal Serial Bus
Specification Version 1.1.
Full compliance with the Universal Serial Bus Device
Class Definition for Printing Devices Version 1.0.
Full compliance with Nibble mode and Compatible
mode defined in the IEEE std 1284-1994 – “IEEE
Standard Signaling Method for a Bi-directional
Parallel Peripheral Interface for Personal
Computers”
On chip transceivers and regulator for USB interface
Fully automatic high speed bi-directional
communication over parallel port
512 Bytes unified data buffer dynamically allocated
for upstream and downstream data transfer
Pin-to-Pin compatible with PL-2305(Chip Rev H)
USB-IF Logo Compliant: 40001165
Small footprint 48-pin SSOP
PL2305 (Chip Rev I)
USB to Printer Port Bridge Controller
BLOCK DIAGRAM


Số phần tương tự - PL2305

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Leiditech Elec...
PL2305A LEIDITECH-PL2305A Datasheet
987Kb / 4P
P-Channel Enhancement Mode Power MOSFET
logo
List of Unclassifed Man...
PL2305I ETC2-PL2305I Datasheet
211Kb / 1P
Configurable outbound and inbound buffer
More results

Mô tả tương tự - PL2305

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MCS7715 ETC1-MCS7715 Datasheet
250Kb / 2P
USB to Combo Serial & Printer Port
PL-2303X ETC1-PL-2303X Datasheet
168Kb / 1P
USB to Serial Bridge Controller
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
USB TO USB BRIDGE CONTROLLER
logo
Analog Microelectronics
AT7601F AME-AT7601F Datasheet
182Kb / 35P
Printer Port Controller
logo
List of Unclassifed Man...
AU9720 ETC2-AU9720 Datasheet
277Kb / 16P
USB to Serial Bridge Controller
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
UART-to- USB Bridge Controller
logo
Prolific Technology Inc...
PL2303GS PROLIFIC-PL2303GS Datasheet
119Kb / 1P
USB to Serial Bridge Controller
PL2303GT PROLIFIC-PL2303GT Datasheet
115Kb / 1P
USB to RS232 Bridge Controller
PL2303TA PROLIFIC-PL2303TA Datasheet
175Kb / 1P
USB to Serial Bridge Controller
PL-2303HX PROLIFIC-PL-2303HX_V01 Datasheet
1Mb / 30P
USB to Serial Bridge Controller
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com