| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S29AL008D55BAI011 bảng dữ liệu(PDF) 32 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29AL008D55BAI011 bảng dữ liệu(HTML) 32 Page - SPANSION |
|
32 / 55 page ![]() 32 S29AL008D S29AL008D_00A3 June 16, 2005 Da t a S h ee t additional sector erase commands. To ensure the command is accepted, the sys- tem software should check the status of DQ3 prior to and following each subsequent sector erase command. If DQ3 is high on the second status check, the last command might not be accepted. Table 6 shows the outputs for DQ3. Notes: 1. DQ5 switches to 1 when an Embedded Program or Embedded Erase operation exceeds the maximum timing limits. See DQ5: Exceeded Timing Limits, on page 30 for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. Table 6. Write Operation Status Operation DQ7 (Note 2) DQ6 DQ5 (Note 1) DQ3 DQ2 (Note 2) RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Reading within Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Reading within Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |