công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC876764A bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện LC876764A
Giải thích chi tiết về linh kiện  8-Bit Single Chip Microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876764A bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  LC876764A Datasheet HTML 1Page - Sanyo Semicon Device LC876764A Datasheet HTML 2Page - Sanyo Semicon Device LC876764A Datasheet HTML 3Page - Sanyo Semicon Device LC876764A Datasheet HTML 4Page - Sanyo Semicon Device LC876764A Datasheet HTML 5Page - Sanyo Semicon Device LC876764A Datasheet HTML 6Page - Sanyo Semicon Device LC876764A Datasheet HTML 7Page - Sanyo Semicon Device LC876764A Datasheet HTML 8Page - Sanyo Semicon Device LC876764A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LC876764A/48A
2/26
Features
(1) Read-Only Memory (ROM): LC876764A 65536 × 8 bits
LC876748A
49152 × 8 bits
(2) Random Access Memory (RAM): LC876764A/48A
1536 × 9 bits
(3) Minimum Bus Cycle Time: 100ns (10MHz)
Note: The bus cycle time indicates ROM read time.
(4) Minimum Instruction Cycle Time: 300ns (10MHz)
(5) Ports
- Input/output ports
Data direction programmable for each bit individually :
20 (P1n, P70 to P73, P8n)
- 15V withstand input/output ports
Data direction programmable in nibble units :
8 (P0n)
(When N-channel open drain output is selected, data can be input in bit units.)
Data direction programmable for each bit individually :
8 (P3n)
- Input ports :
2 (XT1,XT2)
- VFD output ports
Large current outputs for digits :
9 (S0 / T0 to S8 / T8)
Large current outputs for digits / segments :
7 (S9 / T9 to S15 / T15)
digit / segment outputs :
8 (S16 to S23)
segment outputs :
28 (S24 to S51)
Other functions
Input/output ports :
12(PFn, PG0 to 3)
Input ports :
24 (PCn, PDn, PEn)
- Oscillator pins :
2 (CF1,CF2)
- Reset pin :
1 (RES#)
- Power supply :
6 (VSS1 to 2, VDD1 to 4)
(6) VFD automatic display controller
- Programmable segment/digit output pattern
Output can be switched between digit/segment waveform output (pins 9 to 24 can be used for
output of digit waveforms).
parallel-drive available for large current VFD.
- 16-step dimmer function available
(7) Weak signal detection (MIC signals etc)
- Counts pulses with width greater than a preset value
- 2 bit counter
(8) Timers
- Timer 0: 16 bit timer / counter with capture register
Mode 0: 2 channel 8-bit timer with programmable 8 bit prescaler and 8 bit capture register
Mode 1: 8 bit timer with 8 bit programmable prescaler and 8 bit capture register + 8 bit
Counter with 8-bit capture register
Mode 2: 16 bit timer with 8 bit programmable prescaler and 16 bit capture register
Mode 3: 16 bit counter with 16 bit capture register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com