công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CP3BT10 bảng dữ liệu(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện CP3BT10
Giải thích chi tiết về linh kiện  Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3BT10 bảng dữ liệu(HTML) 13 Page - National Semiconductor (TI)

Back Button CP3BT10 Datasheet HTML 9Page - National Semiconductor (TI) CP3BT10 Datasheet HTML 10Page - National Semiconductor (TI) CP3BT10 Datasheet HTML 11Page - National Semiconductor (TI) CP3BT10 Datasheet HTML 12Page - National Semiconductor (TI) CP3BT10 Datasheet HTML 13Page - National Semiconductor (TI) CP3BT10 Datasheet HTML 14Page - National Semiconductor (TI) CP3BT10 Datasheet HTML 15Page - National Semiconductor (TI) CP3BT10 Datasheet HTML 16Page - National Semiconductor (TI) CP3BT10 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 210 page
background image
13
www.national.com
PH3
1
I/O
Generic I/O
MWCS
SPI Slave Select Input
TIO4
Versatile Timer Channel 4
PH4
1
I/O
Generic I/O
SCK
AAI Clock
TIO5
Versatile Timer Channel 5
PH5
1
I/O
Generic I/O
SFS
AAI Frame Synchronization
TIO6
Versatile Timer Channel 6
PH6
1
I/O
Generic I/O
STD
AAI Transmit Data Output
TIO7
Versatile Timer Channel 7
PH7
1
I/O
Generic I/O
SRD
AAI Receive Data Input
TIO8
Versatile Timer Channel 8
RFDATA
1
I/O
Bluetooth RX/TX Data Pin
None
None
PI0
1
I/O
Generic I/O
RFSYNC
BT AC Correlation/TX Enable Output
PI1
1
I/O
Generic I/O
RFCE
BT RF Chip Enable Output
PI2
1
I/O
Generic I/O
BTSEQ1
Bluetooth Sequencer Status
SRCLK
AAI Receive Clock
PI3
1
I/O
Generic I/O
SCLK
BT Serial I/F Shift Clock Output
PI4
1
I/O
Generic I/O
SDAT
BT Serial I/F Data
PI5
1
I/O
Generic I/O
SLE
BT Serial I/F Load Enable Output
PI6
1
I/O
Generic I/O
WUI9
Multi-Input Wake-Up Channel 9
BTSEQ2
Bluetooth Sequencer Status
PI7
1
I/O
Generic I/O
TA
Multi Function Timer Port A
BTSEQ3
Bluetooth Sequencer Status
SDA
1
I/O
ACCESS.bus Serial Data
None
None
SCL
1
I/O
ACCESS.bus Clock
None
None
D+
1
I/O
USB D+ Upstream Port
None
None
D-
1
I/O
USB D- Upstream Port
None
None
UVCC
1
Input
3.3V USB Transceiver Supply
None
None
UGND
1
Input
USB Transceiver Ground
None
None
PB[7:0]
8
I/O
Generic I/O
D[7:0]
External Data Bus Bit 0 to 7
PC[7:0]
8
I/O
Generic I/O
D[15:8]
External Data Bus Bit 8 to 15
A[21:0]
22
Output
External Address Bus
Bit 0 to 21
None
None
SEL0
1
Output
Chip Select for Zone 0
None
None
SEL1
1
Output
Chip Select for Zone 1
None
None
SEL2
1
Output
Chip Select for Zone 2
None
None
SELIO
1
Output
Chip Select for Zone I/O Zone
None
None
WR0
1
Output
External Memory Write Low Byte
None
None
WR1
1
Output
External Memory Write High Byte
None
None
Name
Pins
I/O
Primary Function
Alternate
Name
Alternate Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com