công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSM3K37CT bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện SSM3K37CT
Giải thích chi tiết về linh kiện  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K37CT bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  SSM3K37CT Datasheet HTML 1Page - Toshiba Semiconductor SSM3K37CT Datasheet HTML 2Page - Toshiba Semiconductor SSM3K37CT Datasheet HTML 3Page - Toshiba Semiconductor SSM3K37CT Datasheet HTML 4Page - Toshiba Semiconductor SSM3K37CT Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K37CT
2014-03-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K37CT
○
High Speed Switching Applications
○
Analog Switch Applications
• 1.5Vdrive
• Low ON-resistance
RDS(ON) = 5.60 Ω (max) (@VGS = 1.5 V)
RDS(ON) = 4.05 Ω (max) (@VGS = 1.8 V)
RDS(ON) = 3.02 Ω (max) (@VGS = 2.5 V)
RDS(ON) = 2.20 Ω (max) (@VGS = 4.5 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDSS
20
V
Gate-Source voltage
VGSS
± 10
V
DC
ID
200
Drain current
Pulse
IDP
400
mA
Power dissipation
PD(Note1)
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 1: Mounted on FR4 board
(10 mm
× 10 mm × 1.0 mm, Cu Pad: 100 mm2)
Marking(top view)
Pin Condition (top view)
Equivalent Circuit
Unit : mm
JEDEC
―
JEITA
―
TOSHIBA
2-1J1B
Weight: 0.75mg(typ.)
1. Gate
2. Source
3. Drain
*Electrodes: On the bottom
Polarity mark
Polarity mark (on the top)
1
2
3
SU
1
2
3
CST3
Start of commercial production
2010-11


Số phần tương tự - SSM3K37CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
SSM3K376R TOSHIBA-SSM3K376R Datasheet
254Kb / 9P
MOSFETs Silicon N-Channel MOS
SSM3K376R TOSHIBA-SSM3K376R Datasheet
243Kb / 9P
MOSFETs Silicon N-Channel MOS
2021-05-28 Rev.3.0
SSM3K376RLF TOSHIBA-SSM3K376RLF Datasheet
243Kb / 9P
MOSFETs Silicon N-Channel MOS
2021-05-28 Rev.3.0
SSM3K376RLXGF TOSHIBA-SSM3K376RLXGF Datasheet
243Kb / 9P
MOSFETs Silicon N-Channel MOS
2021-05-28 Rev.3.0
SSM3K376RLXHF TOSHIBA-SSM3K376RLXHF Datasheet
243Kb / 9P
MOSFETs Silicon N-Channel MOS
2021-05-28 Rev.3.0
More results

Mô tả tương tự - SSM3K37CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
16-Jan-2002
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
28-Mar-2003
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com