công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DB3G-A1BA bảng dữ liệu(PDF) 1 Page - ZF Friedrichshafen AG

tên linh kiện DB3G-A1BA
Giải thích chi tiết về linh kiện  Precision switch with high repeat accuracy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZFSWITCHES [ZF Friedrichshafen AG]
Trang chủ  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

DB3G-A1BA bảng dữ liệu(HTML) 1 Page - ZF Friedrichshafen AG

  DB3G-A1BA Datasheet HTML 1Page - ZF Friedrichshafen AG DB3G-A1BA Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-04-06, Specifications subject to change without notice.
Subminiature Snap Switch
Single Pole
DB Series
Features
•
Precision switch with high repeat accuracy
•
Models available for operating temperature up to 120
OC
•
Various contact materials available
•
RoHS compliant
•
Various aux actuators (can be retrofitted)
•
Two mounting positions
•
Mechanical life up to 15,000,000 operations
Standard Parts
1
DB1C-A1AA
DB1C-A1RC
DB1C-B1RC
DB2C-A1MC
DB2C-C1AA
DB3C-B1AA
DB1C-A1LB
DB1C-B1AA
DB1C-C1AA
DB2C-A1RC
DB3C-A1AA
DB3C-B1LB
DB1C-A1LC
DB1C-B1LB
DB2C-A1AA
DB2C-B1AA
DB3C-A1LB
DB3C-B1LC
DB1C-A1MC
DB1C-B1LC
DB2C-A1LB
DB2C-B1LC
DB3C-A1LC
DB3C-B1MC
DB1C-A1RB
DB1C-B1MC
DB2C-A1LC
DB2C-B1RC
DB3C-A1RC
DB3C-B1RC
DB3C-C1AA
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or your distributor.
Part Number Breakdown
DB1B-B1AA
Series
Contact Rating
2
Configuration
Terminal Type millimeters (inches)
Actuator Type
DB
120
OC or 85 OC
120
OC
A1
Solder, short
AA
Spherical-head, no
auxiliary actuator
1
5 Amp
A
SPST NO
B1
2.8 x 0.5 (0.110 x 0.020) QC, straight
BA
Radius, no auxiliary
actuator
2
10.1
Amp
B
SPST NC
C1
1.3 x 0.5 (0.051 x 0.020) PCB, straight
For others, see actuator
table at
www.cherryswitches.com
3
0.1
Amp
C
SPDT
D1
0.6 x 0.5 (0.024 x 0.020) PCB, straight
85
OC only
85
OC
D2
0.6 x 0.5 (0.024 x 0.020) PCB, RH
side w/location pins
5
1 Amp
E
SPST NO
D3
0.6 x 0.5 (0.024 x 0.020) PCB, LH side
w/location pins
6
5 Amp
F
SPDT NC
D4
0.6 x 0.5 (0.024 x 0.020) PCB, RH
side
7
10.1
Amp
G
SPDT
D5
0.6 x 0.5 (0.024 x 0.020) PCB, LH side
2UL current rating; see table below for complete details
Electrical Specifications – Contact Ratings
Contact
EN61058
UL1054
1
6 A, 250 VAC; 0.1 A, 80 VDC
5 A, 125/250 VAC; 1 A, 48 VDC
2
10 (1.5) A, 250 VAC; 0.1 A, 80 VDC
10.1 A, 125/250 VAC; ¼ HP, 125 VAC
3
0.1 A, 250 VAC; 0.1 A, 80 VDC
0.1 A, 125/250 VAC
4
4 A, 250 VAC
4 A, 125/250 VAC; 1 A, 48 VDC
5
1 A, 250 VAC
1 A, 125/250 VAC; 1 A, 48 VDC
6
6 A, 250 VAC
5 A, 125/250 VAC
7
10 (1.5) A, 250 VAC
10.1 A, 125/250 VAC, ¼ HP, 125 VAC
UL file number E314201


Số phần tương tự - DB3G-A1BA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Mô tả tương tự - DB3G-A1BA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Supertex, Inc
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
Switch-mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
Diodes Incorporated
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
High accuracy 550mA, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
logo
Tyco Electronics
SRC MACOM-SRC Datasheet
156Kb / 1P
Specification Grade Repeat Cycle
logo
Infineon Technologies A...
TLE4966-2K INFINEON-TLE4966-2K Datasheet
1Mb / 14P
High Precision Hall Switch with two Outputs
Rev.1.0, 2010-06-28
logo
Cherry Semiconductor Co...
DB1R-B1AA CHERRY-DB1R-B1AA Datasheet
2Mb / 4P
High-precision switch with high repeat accuracy
logo
Supertex, Inc
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
TE Connectivity Ltd
AGASTAT-2100 TEC-AGASTAT-2100 Datasheet
400Kb / 4P
High Repeat Accuracy over voltage and temperature extremes
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com