| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMBJ bảng dữ liệu(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SMBJ bảng dữ liệu(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd |
|
3 / 5 page ![]() Transient Voltage Suppression Diodes Trustworthy electronic circuit protection expert SMBJ Series www.yint.com.cn Rev:19.3 3 Part Number (Bi) Part Number (Uni) MARKING Reverse Stand off Voltage VR (Volts) Breakdown Voltage VBR (Volts)@IT Test Curren t IT(mA) Maximum Reverse Leakage IR @ VR(μA) Maximum Peak Pulse Current Ipp(A) Maximum Clamping Voltage VC @I pp(V) BI UNI Min .V Max .V SMBJ78CA SMBJ78A DT NT 78.0 86.70 95.80 1 1 4.8 126.0 SMBJ85CA SMBJ85A DV NV 85.0 94.4 104.0 1 1 4.4 137.0 SMBJ90CA SMBJ90A DX NX 90.0 100.0 111.0 1 1 4.1 146.0 SMBJ100CA SMBJ100A DZ NZ 100.0 111.0 123.0 1 1 3.7 162.0 SMBJ110CA SMBJ110A EE PE 110.0 122.0 135.0 1 1 3.4 177.0 SMBJ120CA SMBJ120A EG PG 120.0 133.0 147.0 1 1 3.1 193.0 SMBJ130CA SMBJ130A EK PK 130.0 144.0 159.0 1 1 2.9 209.0 SMBJ150CA SMBJ150A EM PM 150.0 167.0 185.0 1 1 2.5 243.0 SMBJ160CA SMBJ160A EP PP 160.0 178.0 197.0 1 1 2.3 259.0 SMBJ170CA SMBJ170A ER PR 170.0 189.0 209.0 1 1 2.2 275.0 SMBJ180CA SMBJ180A ET PT 180.0 201.0 222.0 1 1 2.1 292.0 SMBJ190CA SMBJ190A EC PA 190.0 211.0 233.0 1 1 2.0 308.0 SMBJ200CA SMBJ200A EV PV 200.0 224.0 247.0 1 1 1.9 324.0 SMBJ210CA SMBJ210A ED PB 210.0 237.0 263.0 1 1 1.8 340.0 SMBJ220CA SMBJ220A EX PX 220.0 246.0 272.0 1 1 1.7 356.0 SMBJ250CA SMBJ250A EZ PZ 250.0 279.0 309.0 1 1 1.5 405.0 SMBJ300CA SMBJ300A FE QE 300.0 335.0 371.0 1 1 1.3 486.0 SMBJ350CA SMBJ350A FG QG 350.0 391.0 432.0 1 1 1.1 567.0 SMBJ400CA SMBJ400A FK QK 400.0 447.0 494.0 1 1 0.9 648.0 SMBJ440CA SMBJ440A FM QM 440.0 492.0 543.0 1 1 0.9 713.0 Notes: For bidirectional devices with a VR of 10 volts or less, the IR limit is double. I-V Curve Characteristics Symbol Parameter IPP Maximum Reverse Peak Pulse Current VC Clamping Voltage @ IPP V RWM Working Peak Reverse Voltage I R Maximum Reverse Leakage Current @V RWM V BR Breakdown Voltage @ IT(Test Current) Uni-directional Bi-directional |