| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8802SCFTV bảng dữ liệu(PDF) 56 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8802SCFTV bảng dữ liệu(HTML) 56 Page - Wolfson Microelectronics plc |
|
56 / 65 page ![]() WM8802 Product Preview w PP Rev 1.1 April 2004 56 READ REGISTER OUTPUT CONTENTS REGISTER ADDRESS DO15 DO14 DO13 DO12 DO11 DO10 DO9 DO8 CCB address; 0xEA DEMPF OSLIPO OPCRNW OUNPCM OCSRNW OFSCHG OINDET OERROR OERROR RERR output (Output status during read) 0: No transfer error in PLL locked status 1: Transfer error in PLL unlocked status OINDET Data input pin status change (Clear following read) 0: No change in data input pin status 1: Change in data input pin status OFSCHG Input fs calculation update result (clear following read) 0: No input fs calculation update 1: Input fs calculation update OCSRNW First 48 bit channel status update result (Clear following read) 0: No update 1: Update OUNPCM AUDIO output (Output of status during read) 0: Non-PCM signal not detected 1: Non-PCM signal detected OPCRNW Burst preamble Pc update result (Clear following read) 0: No update 1: Update OSLIPO Read data twice and detect data loss during slave operation (Clear following read) 0: No detection 1: Two reads, lost data detected OEMPF Channel status emphasis detection (Output status during read) 0: No pre-emphasis 1: 50/15 µs pre-emphasis The status of RERR and AUDIO is read according to RESEL and AOSEL settings regardless of the INT output setting from OERROR and OUNPCM. |