| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P0900L bảng dữ liệu(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
P0900L bảng dữ liệu(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd |
|
1 / 4 page ![]() Thyristor Surge Suppressors (TSS) Trustworthy electronic circuit protection expert INT PXXXL DO-15/DO-27 SERIE www.yint.com.cn Rev:19.3 1 Thyristor Surge Suppressors - DO-15/DO-27 Description PxxxxL DO-15/DO-27 series thyristors are a type of semi—conduct component. They are designed to protect baseband equipment from damaging overvoltage transients. such as modems, telephones, line cards, answering machines, FAX machines, T1/E1, xDSL and more. Features ●Excellent capability of absorbing transient surge ●Quick response to surge voltage (ns Level) ●Eliminates overvoltage caused by fast rising transients ●Moisture sensitivity level: Level 1 ●Fails short circuit when surged in excess of ratings ●Non degenerative Device Symbol Typical Applications Parameter Definition VDRM Peak Off-state Voltage – maximum voltage that can be applied while maintaining off state VS Switching Voltage – maximum voltage prior to switching to on state VT On-state Voltage – maximum voltage measured at rated on-state current IDRM Leakage Current – maximum peak off-state current measured at VDRM IS Switching Current – maximum current required to switch to on state IT On-state Current – maximum rated continuous on-state current IH Holding Current – minimum current required to maintain on state CO Off-state Capacitance – typical capacitance measured in off state IPP Peak Pulse Current – maximum rated peak impulse current Thermal Consideration Parameter Symbol Value Unit Operating Temperature TJ -40 to +150 °C Storage Temperature TSTG -40 to +150 °C Junction to free air thermal resistance RΘJA 90 W/°C |
Số phần tương tự - P0900L |
|
Mô tả tương tự - P0900L |