| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2210 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2210 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 49 page ![]() 9397 750 14061 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 02— 30 May 2005 3 of 49 Philips Semiconductors LPC2210/2220 16/32-bit ARM microcontrollers with external memory interface 4. Block diagram (1) When test/debug interface is used, GPIO/other functions sharing these pins are not available. (2) Shared with GPIO. Fig 1. Block diagram 002aaa793 system clock SCL P0[30:0] P2[31:0] P1[31:16], P1[1:0] P3[31:0] SDA CS3 to CS0(2) A23 to A0(2) BLS3 to BLS0(2) OE, WE(2) D31 to D0(2) TRST(1) TMS(1) TCK(1) TDI(1) TDO(1) XTAL2 XTAL1 SCK0, SCK1 MOSI0, MOSI1 MISO0, MISO1 EINT3 to EINT0 4 × CAP0 4 × CAP1 4 × MAT1 4 × MAT0 AIN3 to AIN0 AIN7 to AIN4 PWM6 to PWM1 SSEL0, SSEL1 TXD0, TXD1 RXD0, RXD1 DSR1, CTS1, DCD1, RI1 AMBA AHB (Advanced High-performance Bus) AHB BRIDGE TEST/DEBUG INTERFACE AHB DECODER AHB TO VPB BRIDGE VPB DIVIDER VECTORED INTERRUPT CONTROLLER SYSTEM FUNCTIONS PLL SPI AND SSP SERIAL INTERFACES 0 AND 1 I2C SERIAL INTERFACE UART0/UART1 REAL TIME CLOCK WATCHDOG TIMER SYSTEM CONTROL EXTERNAL INTERRUPTS GENERAL PURPOSE I/O PWM0 CAPTURE/ COMPARE TIMER 0/TIMER 1 A/D CONVERTER ARM7TDMI-S LPC2210/2220 INTERNAL SRAM CONTROLLER 16/64 kB SRAM ARM7 local bus VPB (VLSI peripheral bus) RST EXTERNAL MEMORY CONTROLLER |