công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MQ-W bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện MQ-W
Giải thích chi tiết về linh kiện  Triple Beam Trigonometric Area Reflective Photoelectric Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MQ-W bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  MQ-W Datasheet HTML 1Page - List of Unclassifed Manufacturers MQ-W Datasheet HTML 2Page - List of Unclassifed Manufacturers MQ-W Datasheet HTML 3Page - List of Unclassifed Manufacturers MQ-W Datasheet HTML 4Page - List of Unclassifed Manufacturers MQ-W Datasheet HTML 5Page - List of Unclassifed Manufacturers MQ-W Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
181
MQ-W
SPECIFICATIONS
1) Ratings
2) Performance
3) Output circuit diagram
NPN Output type
PNP Output type
Operating side
Rated operating voltage
Detection principle
Triple beam triangulation sensing method
Detection method
Area reflective type
Type
Amplifier selfcontained DC type
Part number
MQ-W3A-DC12-24V
MQ-W3AR-DC12-24V
MQ-W3C-DC12-24V
MQ-W3CR-DC12-24V
MQ-W20A-DC12-24V
MQ-W20AR-DC12-24V
MQ-W20C-DC12-24V
MQ-W20CR-DC12-24V
MQ-W70A-DC12-24V
MQ-W70C-DC12-24V
Sensing range
0.03 m .098 ft.
0.2 m .656 ft.
0.7 m 2.297 ft.
Detectable distance
0.02 to 0.04 m .066 to .131 ft.
0.04 to 0.2 m .131 to .656 ft.
0.2 to 0.7 m .656 to 2.297 ft.
Standard target
White drawing paper
1
i1 cm .394i.394 inch
White drawing paper
2
i2 cm .787i.787 inch
White drawing paper
7.5
i7.5 cm 2.953i2.953 inch
Detectable target
Opaque, translucent
Operating voltage range
9.6 to 30 V DC ripple (P-P) included
Response time (freq.)
2 ms or less (250 times per second or less)
Initial insulation resistance
Min. 20 M
Ω between a lead wire and external housing (at 500 V DC)
Initial breakdown voltage
Between a lead wire and external housing: 500 Vrms for 1 min
Vibration resistance
10 to 55 Hz (1 cycle/min), double amplitude 1.5 mm .059 inch (2 h each on 3 axes)
Shock resistance
980 m/s2 {approx. 100 G} (6 times each on 3 axes)
Protective construction
Diecast case immersion protected (equivalent to IEC IP67)
Incandescent lamp
Usable ambient
light level
10,000 lux or less
Sunlight
30,000 lux or less
Ambient temperature
–25 to 55°C –13 to +131°F (non-icing condition)
Ambient humidity
Max. 85% RH (non-condensing condition)
Storage temperature
–25 to 55°C –13 to +131°F
Indicator
Light source
Operation indicator: Red LED ON with light entry
Adjustment indicator: Red LED ON with sufficient volume of lights
Infrared LED/Red LED (R is added to the suffix of W3(20)A(C) in the part No.)
Hysteresis
10% or less the set range
20% or less of the set range
12 to 24 V DC
30 mA or less (excluding load)
100 mA or less
Rated current consumption
Output current capacity
Load side
Note: Unless otherwise specified, the measurement conditions comprise rated operating voltage, power supply by battery, 20°C 68°F ambient
temperature, standard target and 200 lux or less illuminance on the receiver surface.
03/2003



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com