| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
K6R1016V1D-EC08 bảng dữ liệu(PDF) 3 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
K6R1016V1D-EC08 bảng dữ liệu(HTML) 3 Page - Samsung semiconductor |
|
3 / 9 page ![]() PRELIMINARY Rev. 3.0 - 3 - July 2004 PRELIMINARY K6R1004C1D CMOS SRAM 256K x 4 Bit (with OE) High-Speed CMOS Static RAM GENERAL DESCRIPTION FEATURES • Fast Access Time 10ns(Max.) • Power Dissipation Standby (TTL) : 20mA(Max.) (CMOS) : 5mA(Max.) Operating K6R1004C1D-10: 65mA(Max.) • Single 5.0V ±10% Power Supply • TTL Compatible Inputs and Outputs • I/O Compatible with 3.3V Device • Fully Static Operation - No Clock or Refresh required • Three State Outputs • Center Power/Ground Pin Configuration • Standard Pin Configuration : K6R1004C1C-J : 32-SOJ-400 K6R1004C1C-K : 32-SOJ-400(Lead-Free) • Operating in Commercial and Industrial Temperature range. The K6R1004C1D is a 1,048,576-bit high-speed Static Random Access Memory organized as 262,144 words by 4 bits. The K6R1004C1D uses 4 common input and output lines and has an output enable pin which operates faster than address access time at read cycle. The device is fabricated using SAM- SUNG ′s advanced CMOS process and designed for high- speed circuit technology. It is particularly well suited for use in high-density high-speed system applications. The K6R1004C1D is packaged in a 400 mil 32-pin plastic SOJ. PIN FUNCTION Pin Name Pin Function A0 - A17 Address Inputs WE Write Enable CS Chip Select OE Output Enable I/O1 ~ I/O4 Data Inputs/Outputs VCC Power(+5.0V) VSS Ground N.C No Connection PIN CONFIGURATION(Top View) Clk Gen. I/O1 ~ I/O4 CS WE OE FUNCTIONAL BLOCK DIAGRAM Data Cont. Column Select CLK Gen. Pre-Charge Circuit Memory Array 512 Rows 512x4 Columns I/O Circuit & SOJ 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 A17 A16 A15 A14 A13 OE I/O4 Vss Vcc I/O3 A12 A11 A10 A9 A8 N.C N.C A0 A1 A2 A3 CS I/O1 Vcc Vss I/O2 WE A4 A5 A6 A7 N.C A10 A11 A12 A13 A14 A15 A0 A1 A2 A3 A4 A5 A6 A7 A9 A16 A17 A8 |