công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

101460 bảng dữ liệu(PDF) 1 Page - PHOENIX CONTACT

tên linh kiện 101460
Giải thích chi tiết về linh kiện  PLC INTERFACE With Switch and Integrated Power Contact Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

101460 bảng dữ liệu(HTML) 1 Page - PHOENIX CONTACT

  101460 Datasheet HTML 1Page - PHOENIX CONTACT 101460 Datasheet HTML 2Page - PHOENIX CONTACT 101460 Datasheet HTML 3Page - PHOENIX CONTACT 101460 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© PHOENIX CONTACT - 03/2008
101460_en_04
INTERFACE
PLC-…24UC/1/S/H
PLC-…24UC/1/S/L
Data Sheet
1Description
The 6.2 mm PLC-…24UC/1/S… PLC INTERFACE module
supports "Manual", "Zero", and "Automatic" functions. The
load can be switched directly using the module.
1.1
Switching Function
Depending on the version, the switch can be operated either
by hand or using a screwdriver.
A floating contact provides confirmation for the "Automatic"
switching state.
1.2
Optimum Use of Plug-In Bridges
The PLC INTERFACE module achieves maximum
efficiency with the user-friendly FBST plug-in bridge system.
The PLC-…24UC/1/S… makes effective use of the bridging
options for the A1/A2 connection on the coil side, for the
supply at connection 13 on the contact side, and for the
manual input at connection M. Especially effective here are
the 500 mm long color-insulated continuous plug-in bridges
that can easily be cut to the required length and quickly
inserted in the bridge shafts. They eliminate the need for
complicated and time-consuming loop bridges.
1.3
Additional Advantages
Environmentally friendly, cadmium-free power contact
material for loads up to 250 V AC/6 A
Integrated input/protective circuit
Safe isolation according to DIN EN 50178
Spring-cage and screw connection types available
–6 kV
rms electrical isolation between coil and contact
Floating confirmation contact for "Automatic" switching
state
Make sure you always use the latest documentation.
It can be downloaded at www.download.phoenixcontact.com.
A conversion table is available on the Internet at
www.download.phoenixcontact.com/general/7000_en_00.pdf.
This data sheet is valid for all products listed on the following page:
PLC INTERFACE With Switch and Integrated
Power Contact Relay


Số phần tương tự - 101460

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Roithner LaserTechnik G...
10146 ROITHNER-10146 Datasheet
206Kb / 1P
Holder for 10158
logo
Hubbell Incorporated.
10146 HUBBELL-10146 Datasheet
365Kb / 1P
Anchor, No Wrench, 10in x 66in Tripleye
logo
List of Unclassifed Man...
10146 ETC-10146 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10146 HEYCO-10146 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Atom Lighting
10146 ATOM-10146 Datasheet
857Kb / 3P
AT9012 TRI
18th of January 2025 20:13:50
More results

Mô tả tương tự - 101460

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
logo
PHOENIX CONTACT
PLC-RSP-24DC PHOENIX-PLC-RSP-24DC Datasheet
590Kb / 14P
Universal PLC Interface with PDT Relay
PLC-24UC PHOENIX-PLC-24UC Datasheet
248Kb / 4P
PLC INTERFACE With Switch and Integrated Power Contact Relay
PLC-OS PHOENIX-PLC-OS Datasheet
249Kb / 4P
PLC INTERFACE With Solid-State Relay, Universal Version
RIF-1-RPT-LDP-24DC PHOENIX-RIF-1-RPT-LDP-24DC Datasheet
126Kb / 5P
Pre-assembled relay module with push-in connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode. Contact type: 1 PDT.
RIF-1-RSC-LDP-24DC PHOENIX-RIF-1-RSC-LDP-24DC Datasheet
127Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
103148 PHOENIX-103148 Datasheet
249Kb / 4P
PLC INTERFACE With Solid-State Relay, Universal Version
103152 PHOENIX-103152 Datasheet
258Kb / 3P
PLC INTERFACE With Solid-State Relay, Sensor Version
2966485 PHOENIX-2966485 Datasheet
581Kb / 14P
Universal PLC Interface with PDT Relay ??now also with spring cage connection system
2966540 PHOENIX-2966540 Datasheet
581Kb / 14P
Universal PLC Interface with PDT Relay??now also with spring cage connection system
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com