công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APTD2012LSURCK bảng dữ liệu(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

tên linh kiện APTD2012LSURCK
Giải thích chi tiết về linh kiện  2.0 x 1.25 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Trang chủ  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APTD2012LSURCK bảng dữ liệu(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APTD2012LSURCK Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012LSURCK Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012LSURCK Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APTD2012LSURCK Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAO7910 / 1203015435 Rev No: V.4A Date: 04/10/2019
Page 3 / 4
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Red
Wavelength (nm)
0
2
4
6
8
10
1.5
1.6
1.7
1.8
1.9
2.0
Ta = 25 °C
Forward voltage (V)
0
2
4
6
8
10
024
68
10
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20 40
60
80 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20 40 60 80 100
Ambient temperature (°C)
0.5
0.5
90°
15°
0°
30°
45°
60°
75°
-15°
-30°
-45°
-60°
-75°
-90°
0.0
1.0
1.0
Ta = 25 °C
TECHNICAL DATA
RELATIVE INTENSITY vs. WAVELENGTH
HYPER RED
TAPE SPECIFICATIONS (units : mm)
REEL DIMENSION (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
SPATIAL DISTRIBUTION
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
APTD2012LSURCK
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com