công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE3M0088 bảng dữ liệu(PDF) 5 Page - Pasternack Enterprises, Inc.

tên linh kiện PE3M0088
Giải thích chi tiết về linh kiện  MIL-DTL-17 BNC Male to SMA Female Bulkhead Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0088 bảng dữ liệu(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE3M0088 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0088 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0088 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0088 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0088 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0088 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
5
How to Order
Part Number Configuration:
PE3M0088
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3M0088-12 = 12 inches long cable
PE3M0088-100cm = 100 cm long cable
MIL-DTL-17 BNC Male to SMA Female Bulkhead Cable Using M17/113-RG316 Coax from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: MIL-DTL-17 BNC Male to SMA Female Bulkhead Cable Using M17/113-RG316 Coax
PE3M0088
URL:
https://www.pasternack.com/bnc-male-sma-female-m17-113-rg316-cable-assembly-pe3m0088-p.aspx
PE3M0088 REV 1
RF Cable Assemblies Technical Data Sheet
MIL-DTL-17 BNC Male to SMA Female Bulkhead
Cable Using M17/113-RG316 Coax
PE3M0088



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com