công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3360 bảng dữ liệu(PDF) 1 Page - JSC ALFA.

tên linh kiện AS3360
Giải thích chi tiết về linh kiện  Dual Voltage Controlled Amplifier (VCA)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALFA [JSC ALFA.]
Trang chủ  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3360 bảng dữ liệu(HTML) 1 Page - JSC ALFA.

  AS3360 Datasheet HTML 1Page - JSC ALFA. AS3360 Datasheet HTML 2Page - JSC ALFA. AS3360 Datasheet HTML 3Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS
“АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
1
2018 v.4
AS3360
AS3360 - Dual Voltage Controlled Amplifier (VCA)
FEATURES
APPLICATIONS
 Two Independent VCAs in a Single 14 Pin package
 Simple to Use - Few External Components Required
 Exceptionally Low Control Feedthrough Without
Trimming: 10mV Maximum Out of 10 V.P.P. Output
 Low Noise: -110 dB Typical
 No Trimming Required
 Summing Node Signal Inputs
 Current Outputs Capable of Swinging to Within 1,5V of
Each Supply
 Linear and Exponential Control
 Control Voltages Referenced to Ground
 Wide Supply Range: ±3V to ±12V or +15V,- 3 V to - 9V
for electronic music
AS3360
AS3360D
РDIP-14 (300 mil)
SOIC-14 (150mil)
General Description
The AS3360 is a dual general purpose voltage controlled transconductor intended for such applications as voltage
controlled amplifiers, filters, and waveform generators. Each transconductor independently provides both linear and
exponential control scaling over greater than a 100 dB range. Complete with virtual ground summing inputs, wide
voltage compliance current outputs, and control inputs referenced to ground, the AS3360 requires exceptionally few
external components and is extremely easy to use.
Because of its inherent ultra-low control feedthrough, no trimming is required. Added to these features are
exceptionally low noise, wide bandwidth, and operation down to ± 3 volts, making the AS3360 a real cost saver in
most applications requiring variable transconductance amplifiers.
Pin Information
Block and Connection Diagram
РDIP-14
SOIC-14
Pin No
Pin
Name
Description
1
GND
Ground
2
IO1
Signal Output 1
3
VE1
Exp. Control Voltage Input 1
4
VO1
Log Converter Output 1
5
VC1
Linear Control Input 1
6
II1
Current Input 1
7
VEE
Negative Supply Voltage
8
VREF
Reference Voltage
9
II2
Current Input 2
10
VC2
Linear Control Input 2
11
VO2
Log Converter Output 2
12
VE2
Exp. Control Voltage Input 2
13
IO2
Signal Output 2
14
VCC
Positive Supply Voltage
SIGNAL
OUTPUT2
Ro
47K
RI
RI
47K
47K
SIGNAL
INPUT2
20V.P.P.
2
1
3
GND
IO1
VREF
4
5
6
7
VО2
Vcc
II2
V+
47K
Ro
SIGNAL
OUTPUT1
LINEAR
CNTL.
INPUT2
0 to +2V
*
*
*
*
14
13
12
11
10
9
8
LOG.
CONV.1
+1.8V
VOLT
LOG.
CONV.2
5nF
LINEAR
CNTL.
INPUT
0 to +2V
SIGNAL
INPUT1
20V.P.P.
VС2
IО2
V-
VO1
VC1
II1
*OPTIONAL
RESISTORS
FOR
ADDITIONAL
SIGNAL
INPUTS
-12V
+12V
VEE
A1
A2
+
+
-
-
VE1
VЕ2
1
.
.
Connection for exponential control scale
SIGNAL
OUTPUT2
16K
47K
47K
2
1
3
GND
IO1
VREF
4
5
6
7
VО2
Vcc
II2
47K
SIGNAL
INPUT2
CNTL.
INPUT1
0 to +2V
14
13
12
11
10
9
8
5nF
VС2
IО2
VO1
VC1
II1
-12V
+12V
VEE
VE1
VЕ2
.
47K
AS 3360
CNTL.
INPUT2
0 to +2V
SIGNAL
OUTPUT1
SIGNAL
INPUT1
2,4K
16K
2,4K


Số phần tương tự - AS3360

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
JSC ALFA.
AS3363 ALFA-AS3363 Datasheet
479Kb / 4P
Three Channel VCA (voltage polarizer)
AS3363D ALFA-AS3363D Datasheet
479Kb / 4P
Three Channel VCA (voltage polarizer)
AS3364 ALFA-AS3364 Datasheet
488Kb / 3P
Quad Voltage Linearly Controlled Amplifier (VCA)
AS3364D ALFA-AS3364D Datasheet
488Kb / 3P
Quad Voltage Linearly Controlled Amplifier (VCA)
More results

Mô tả tương tự - AS3360

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA7655A ROHM-BA7655A Datasheet
51Kb / 4P
Dual Voltage-controlled Amplifier
logo
List of Unclassifed Man...
SSM2022 ETC-SSM2022 Datasheet
210Kb / 3P
DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
SSM2020 ETC-SSM2020 Datasheet
242Kb / 4P
DUAL LINEAR ANTILOG VOLTAGE CONTROLLED AMPLIFIER
PDA381 ETC-PDA381 Datasheet
177Kb / 4P
DUAL LOW NOISE VCA
CEM3330 ETC1-CEM3330 Datasheet
225Kb / 2P
DUAL VOLTAGE CONTROLLED AMPLIFIER
logo
Curtis Electromusic.
CEM3330 CES-CEM3330 Datasheet
3Mb / 8P
Dual Voltage Controlled Amplifier
CEM3381 CES-CEM3381 Datasheet
876Kb / 2P
DUAL LOW NOISE VCA
logo
JSC ALFA.
AS2164 ALFA-AS2164 Datasheet
502Kb / 5P
Quad voltage exponentially controlled amplifier (VCA)
AS3330 ALFA-AS3330 Datasheet
391Kb / 3P
Dual Voltage Controlled Amplifier (VCA)
AS3364 ALFA-AS3364 Datasheet
488Kb / 3P
Quad Voltage Linearly Controlled Amplifier (VCA)
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com