công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE3M0029 bảng dữ liệu(PDF) 2 Page - Pasternack Enterprises, Inc.

tên linh kiện PE3M0029
Giải thích chi tiết về linh kiện  MIL-DTL-17 BNC Male to BNC Male Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0029 bảng dữ liệu(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3M0029 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0029 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0029 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0029 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0029 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0029 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
2
SAE AS22520
Crimping Tools, Wire Termination, General Specification For
Material Specifications
Component
Specification
Cable
M17/84-RG223 in accordance with MIL-DTL-17
Connector 1
M39012/16-0014 in accordance with MIL-PRF-39012
Connector 2
M39012/16-0014 in accordance with MIL-PRF-39012
Heat Shrink 1
M23053/5-106-0 in accordance with SAEAS23053
Heat Shrink 2
M23053/5-106-0 in accordance with SAEAS23053
Solder
SN63 in accordance with J-STD-006
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.6:1
Velocity of Propagation
65.9
%
Capacitance
32.2 [105.64]
pF/ft [pF/m]
DC Resistance Inner Conductor
0.9 [2.95]
Ω/1000ft [Ω/Km]
Dielectric Withstanding Voltage (AC)
1,500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.05
0.4
1
4
GHz
Insertion Loss (Max.)
0.048
0.12
0.21
0.47
dB/ft
0.16
0.39
0.69
1.54
dB/m
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as 0.1dB per connector.
Mechanical Specifications
Cable Assembly
Description
Minimum
Typical
Maximum
Units
Cable Outer Diameter
0.208
0.212
0.216
in
Weight
0.13 [58.97]
lbs [g]
PE3M0029 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MIL-DTL-17 BNC Male to BNC Male Cable Using M17/84-RG223 Coax PE3M0029
RF Cable Assemblies Technical Data Sheet
PE3M0029
MIL-DTL-17 BNC Male to BNC Male Cable
Using M17/84-RG223 Coax



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com