công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSF0102DCT bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LSF0102DCT
Giải thích chi tiết về linh kiện  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DCT bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LSF0102DCT Datasheet HTML 3Page - Texas Instruments LSF0102DCT Datasheet HTML 4Page - Texas Instruments LSF0102DCT Datasheet HTML 5Page - Texas Instruments LSF0102DCT Datasheet HTML 6Page - Texas Instruments LSF0102DCT Datasheet HTML 7Page - Texas Instruments LSF0102DCT Datasheet HTML 8Page - Texas Instruments LSF0102DCT Datasheet HTML 9Page - Texas Instruments LSF0102DCT Datasheet HTML 10Page - Texas Instruments LSF0102DCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
LSF0101, LSF0102, LSF0108
www.ti.com
SDLS966H – DECEMBER 2013 – REVISED JUNE 2019
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2019, Texas Instruments Incorporated
6.7 LSF0101/02 AC Performance (Translating Down) Switching Characteristics , VGATE = 3.3 V
over recommended operating free-air temperature range, VGATE = 3.3 V, VIH = 3.3 V, VIL = 0, and VM = 1.15 V (unless
otherwise noted) (see Figure 2)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
1.1
0.7
0.3
ns
tPHL
1.2
0.8
0.4
6.8 LSF0108 AC Performance (Translating Down) Switching Characteristics, VGATE = 3.3 V
over recommended operating free-air temperature range, VGATE = 3.3 V, VIH = 3.3 V, VIL = 0, and VM = 1.15 V (unless
otherwise noted) (see Figure 2)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
1.9
1.4
0.75
ns
tPHL
2
1.5
0.85
6.9 LSF0101/02 AC Performance (Translating Down) Switching Characteristics, VGATE = 2.5 V
over recommended operating free-air temperature range, VGATE = 2.5 V, VIH = 2.5 V, VIL = 0, and VM = 0.75 V (unless
otherwise noted) (see Figure 2)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
1.2
0.8
0.35
ns
tPHL
1.3
1
0.5
6.10 LSF0108 AC Performance (Translating Down) Switching Characteristics, VGATE = 2.5 V
over recommended operating free-air temperature range, VGATE = 2.5 V, VIH = 2.5 V, VIL = 0, and VM = 0.75 V (unless
otherwise noted) (see Figure 2)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
2
1.45
0.8
ns
tPHL
2.1
1.55
0.9
6.11 LSF0101/02 AC Performance (Translating Up) Switching Characteristics, VGATE = 3.3 V
over recommended operating free-air temperature range, VGATE = 3.3 V, VIH = 2.3 V, VIL = 0, VT = 3.3 V, VM = 1.15 V and RL
= 300 (unless otherwise noted) (see Figure 2)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
1
0.8
0.4
ns
tPHL
1
0.9
0.4
6.12 LSF0108 AC Performance (Translating Up) Switching Characteristics, VGATE = 3.3 V
over recommended operating free-air temperature range, VGATE = 3.3 V, VIH = 2.3 V, VIL = 0, VT = 3.3 V, VM = 1.15 V and RL
= 300 (unless otherwise noted) (see Figure 2)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
tPLH
A or B
B or A
2.1
1.55
0.9
ns
tPHL
2.2
1.65
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com