| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP435L bảng dữ liệu(PDF) 1 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AP435L bảng dữ liệu(HTML) 1 Page - Anachip Corp |
|
1 / 5 page ![]() AP435/435L Dual Linear Controller With Shutdown ( Preliminary ) This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product. Rev. 0.B Dec. 02, 2002 1/5 Features -Power shutdown (SD) control -Fixed output voltage reference 1.25V -Voltage precision: AP435L: 1.25 + 0.4% AP435 : 1.25 + 1% -Wide power supply range: 3 to 32V -Sourcing current capability: 1 to 200mA -Typical output impedance: 0.2 Ω ■ Application -Computer -Disk driver -CD-ROM -Graphic Card -TFT panel Pin Assignments 3 4 8 7 6 5 2 1 V CC FB1 GND OUT1 SD2 FB2 SD1 OUT2 ( Top view ) ( DIP8/SO8 ) General Descriptions The AP435/435L is a linear controller IC with Shutdown function, wired to a 1.25V fixed Voltage Reference. This device is offering space and cost saving in many applications like power supply management or data acquisition systems. Ordering Information AP435 X X X Package Packing N: PDIP-8L S: SOP-8L Blank: Tube A : Taping Precision Blank: 1% L : 0.4% Pin Descriptions Name Descriptions OUT1 Output1 FB1/2 Output Feedback VCC Supply Voltage GND Ground SD1/2 Power shutdown control OUT2 Output2 Block Diagram FB1 GND OUT1 SD1 Error Amp1 Error Amp2 Vref FB2 SD2 OUT2 VCC V CC 10K |
Số phần tương tự - AP435L |
|
Mô tả tương tự - AP435L |