| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT83L38 bảng dữ liệu(PDF) 21 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83L38 bảng dữ liệu(HTML) 21 Page - Exar Corporation |
|
21 / 91 page ![]() XRT83L38 OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR REV. 1.0.0 17 LOOP1_0 LOOP0_0 LOOP1_1 LOOP0_1 LOOP1_2 LOOP0_2 LOOP1_3 LOOP0_3 LOOP1_4 LOOP0_4 LOOP1_5 LOOP0_5 LOOP1_6 LOOP0_6 LOOP1_7 LOOP0_7 A[1] A[0] A[3] A[2] A[5] A[4] A[7] A[6] D[7] D[6] D[5] D[4] D[3] D[2] D[1] D[0] 179 180 177 178 175 176 173 174 67 68 69 70 71 72 73 74 179 180 177 178 175 176 173 174 67 68 69 70 71 72 73 74 A10 C10 A11 B10 C11 D11 A12 B11 T7 U7 V7 V8 V9 U8 U9 R7 A10 C10 A11 B10 C11 D11 A12 B11 T7 U7 V7 V8 V9 U8 U9 R7 I Loop-back Control Pins, Bits [1:0] Channel_[7:0] Loop-back Control bit 1, Channel _0 Loop-back Control bit 0, Channel _0 Loop-back Control bit 1, Channel _1 Loop-back Control bit 0, Channel _1 Loop-back Control bit 1, Channel _2 Loop-back Control bit 0, Channel _2 Loop-back Control bit 1, Channel _3 Loop-back Control bit 0, Channel _3 Loop-back Control bit 1, Channel _4 Loop-back Control bit 0, Channel _4 Loop-back Control bit 1, Channel _5 Loop-back Control bit 0, Channel _5 Loop-back Control bit 1, Channel _6 Loop-back Control bit 0, Channel _6 Loop-back Control bit 1, Channel _7 Loop-back Control bit 0, Channel _7 In Hardware mode, these pins control the Loop-Back mode for each channel_n per the following table. Microprocessor Address A[7:0] and Data Bus Pins D[7:0] - Host mode These pins are microprocessor address and data bus pins. See “Microproces- sor Interface Address Bus Pins - Host mode:” on page 13. and see “Micropro- cessor Read/Write Data Bus Pins - Host mode” on page 12. NOTE: These pins are internally pulled “Low” with a 50k Ω resistor. SIGNAL NAME TQFP PIN # BGA LEAD # TYPE DESCRIPTION LOOP1_n LOOP0_n 0 0 0 1 1 0 1 1 MODE Normal Mode No Loop-Back Channel_n Local Loop-Back Channel_n Remote Loop-Back Channel_n Digital Loop-Back Channel_n |