| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TE-R8-4C36HD bảng dữ liệu(PDF) 13 Page - Shanghai Toplite Technology Company Limited |
|
|
|||||||||||||||||||||||||||||
TE-R8-4C36HD bảng dữ liệu(HTML) 13 Page - Shanghai Toplite Technology Company Limited |
|
13 / 13 page ![]() TECHNICAL DATA SHEET 产品数据表 TE-R8-4 XXXX <FOR COB MODULE> 12 / 12 PREPARED BY:Lisa.y TE-R8 SERIES A/3 Revision issued in 2014. 7-5-4.Make sure no external force acts on its optical surface, when soldering. 焊接时,不能有外力作用于光学表面; 7-5-5.Please choose lead-free soldering. 请使用无铅焊接; 7-5-6.Before repairing soldered part, please cool the product until normal temperature. 焊接修理时,应将产品自然冷确到常温后操作; 7-5-7.The product whose soldering rate exceeds suggested rate may confront quality problems. We do not guarantee its quality. 如果焊接率超过这些建议的条件,产品品质不予保证; 7-6 .Using Condition 使用环境 7-6-1.Please make sure the product is not applied under the following conditions; 请确保产品未在下列条件下使用; In case the product has to be used under the following conditions, please make an evaluation in advance. 如果该产品需在下列条件下使用,请先进行评估; 7-6-2.Directly or indirectly by the rain wet places; 直接或间接地被雨水淋湿的地方; 7-6-3.Be exposed to corrosive gases (such as Cl2, H2S, NH3, SOx, NOx, etc.); 暴露在腐蚀性气体(如 Cl2, H2S, NH3, SOx, NOx 等)的地方; 7-6-4.Be stained with dust, liquid or oil; 沾上灰尘,液体或油的地方; |