| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TE-R8-3W36HC bảng dữ liệu(PDF) 11 Page - Shanghai Toplite Technology Company Limited |
|
|
|||||||||||||||||||||||||||||
TE-R8-3W36HC bảng dữ liệu(HTML) 11 Page - Shanghai Toplite Technology Company Limited |
|
11 / 13 page ![]() TECHNICAL DATA SHEET 产品数据表 TE-R8-3 XXXX <FOR COB MODULE> 10 / 12 PREPARED BY:Lisa.y TE-R8 SERIES A/3 Revision issued in 2014. 7. USE STANDARD 使用规范 Before use, please read through this specification 。请在使用前,仔细阅读使用规范 7-1 .Take matters needing attention 取放注意事项 Correct Error Don't use finger or sharp objects in contact with the surface of the product, in order to avoid dirty or damage to the surface and internal circuit connection, affect the optical performance and local short circuit. 不要用手指或尖锐物体接触产品的表面,以避免弄脏或损坏表面和内部电路连接,影响光学性能及 局部短路. Correct Error Work in low humidity environment, dealing with COB series products always take proper anti-static grounding measures, it is recommended to wear anti-static gloves when handling. 在低湿度的工作环境中,处理 COB 系列产品时始终采取适当的防静电接地措施,建议在处理时戴上 防静电手套。 |