| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC8240 bảng dữ liệu(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC8240 bảng dữ liệu(HTML) 4 Page - ATMEL Corporation |
|
4 / 42 page ![]() 4 PC8240 2149A–HIREL–05/02 SDMA[11 – 0] N1 R1 R2 T1 T2 U4 U2 U1 V1 V3 W1 W2 Output GVdd DRV_MEM_ADDR (6)(14) SDMA12/SDBA1 P1 Output GVdd DRV_MEM_ADDR (14) SDBA0 P2 Output GVdd DRV_MEM_ADDR – PAR[0 – 7] AF3 AE3 G4 E2 AE4 AF4 D2 C2 I/O GVdd DRV_MEM_ADDR (6)(13)(14) SDRAS AD1 Output GVdd DRV_MEM_ADDR (3) SDCAS AD2 Output GVdd DRV_MEM_ADDR (3) CKE H2 Output GVdd DRV_MEM_ADDR (3)(4) WE AA1 Output GVdd DRV_MEM_ADDR – AS Y1 Output GVdd DRV_MEM_ADDR (3)(4) EPIC Control Signals IRQ_0/S_INT C19 Input OVdd – – IRQ_1/S_CLK B21 I/O OVdd DRV_PCI – IRQ_2/S_RST AC22 I/O OVdd DRV_PCI – IRQ_3/S_FRAME AE24 I/O OVdd DRV_PCI – IRQ_4/ L_INT A23 I/O OVdd DRV_PCI – Two-wire Interface Control Signals SDA AE20 I/O OVdd DRV_STD (10)(16) SCL AF21 I/O OVdd DRV_STD (10)(16) Clock Out Signals PCI_CLK[0 – 3] AC25 AB25 AE26 AF25 Output GVdd DRV_PCI_CLK (6) PCI_CLK4/DA3 AF26 Output GVdd DRV_PCI_CLK – PCI_SYNC_OUT AD25 Output GVdd DRV_PCI_CLK – PCI_SYNC_IN AB23 Input GVdd – – SDRAM_CLK[0 – 3] D1 G1 G2 E1 Output GVdd DRV_MEM_ADDR (6) SDRAM_SYNC_OUT C1 Output GVdd DRV_MEM_ADDR – SDRAM_SYNC_IN H3 Input GVdd – – CKO/DA1 B15 Output OVdd DRV_STD – OSC_IN AD21 Input OVdd – – Miscellaneous Signals HRST_CTRL A20 Input OVdd – – HRST_CPU A19 Input OVdd – – MCP A17 Output OVdd DRV_STD (3)(4)(17) NMI D16 Input OVdd – – SMI A18 Input OVdd – (10) SRESET B16 Input OVdd – (10) Table 1. PC8240 Pinout Listing (Continued) Signal Name Package Pin Number Pin Type Power Supply Output Driver Type Notes |