| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADM3066EBCPZ-R7 bảng dữ liệu(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM3066EBCPZ-R7 bảng dữ liệu(HTML) 23 Page - Analog Devices |
|
23 / 28 page ![]() Data Sheet ADM3061E/ADM3062E/ADM3063E/ADM3065E/ADM3066E/ADM3067E/ADM3068E Rev. F | Page 23 of 28 APPLICATIONS INFORMATION The ADM3061E/ADM3065E transceiver is designed for bidirectional data communications on multipoint bus transmission lines. Figure 47 shows a typical network applications circuit. To minimize reflections, terminate the line at both ends with a termination resistor (the value of the termination resistor must be equal to the characteristic impedance of the cable used) and keep stub lengths off the main line as short as possible. RT RT ADM3061E/ ADM3065E R GND A B A B RO RE DE DI D ADM3061E/ ADM3065E R GND A B RO NOTES 1. THE MAXIMUM NUMBER OF NODES IS 128. 2. RT IS EQUAL TO THE CHARACTERISTIC IMPEDANCE OF THE CABLE USED. RE DE DI D ADM3061E/ ADM3065E R GND A B RO RE DE DI D ADM3061E/ ADM3065E R GND RO RE DE DI D VCC VCC VCC VCC Figure 47. ADM3061E/ADM3065E Typical Half-Duplex RS-485 Communications Network |