| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADM3055EBRIZ bảng dữ liệu(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM3055EBRIZ bảng dữ liệu(HTML) 13 Page - Analog Devices |
|
13 / 24 page ![]() Data Sheet ADM3055E/ADM3057E Rev. A | Page 13 of 24 OPERATIONAL TRUTH TABLE Table 13. Truth Table Power Inputs1, 2 Outputs2 Input/Output VCC VIO TXD SILENT STBY AUXIN RS Mode RXD3 AUXOUT CANH/CANL On On Low Low Low Low Low/ pull-down Normal/ slope mode Low Low Dominant4 On On Low Low Low High Low/ pull-down Normal/ slope mode Low High Dominant4 On On High Low Low Low Low/ pull-down Normal/ slope mode High/per bus Low Recessive/set by bus On On High Low Low High Low/ pull-down Normal/ slope mode High/per bus High Recessive/set by bus On On X High Low Low X Listen only High/per bus Low Recessive/set by bus On On X High Low High X Listen only High/per bus High Recessive/set by bus On On X X High X X Standby High/WUP/filtered Last state Bias to GND2/set by bus On On X X X Low Pull-up Standby5 High/WUP/filtered Low Bias to GND2/set by bus On On X X X High Pull-up Standby5 High/WUP/filtered High Bias to GND2/set by bus On Off Z Z Z Z Low/ pull-down Normal/ slope mode Z Low Recessive/set by bus Off On X X X X X Transceiver off High Z High impedance/set by bus Off Off Z Z Z Z Z Transceiver off Z Z High impedance/set by bus 1 X means irrelevant. 2 Z means high impedance within one diode drop of ground. 3 WUP means remote wake-up pattern. 4 Limited by tDT. 5 RS can only set the transceiver to standby mode. RS does not control the digital isolator. |