công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM186ED-20KC/W bảng dữ liệu(PDF) 9 Page - Advanced Micro Devices

tên linh kiện AM186ED-20KC/W
Giải thích chi tiết về linh kiện  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED-20KC/W bảng dữ liệu(HTML) 9 Page - Advanced Micro Devices

Back Button AM186ED-20KC/W Datasheet HTML 5Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 6Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 7Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 8Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 9Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 10Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 11Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 12Page - Advanced Micro Devices AM186ED-20KC/W Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
Am186ED/EDLV Microcontrollers
9
PRELI M INARY
D
RA
F T
RELATED AMD PRODUCTS
E86
™ Family Devices
Device
Description
80C186
16-bit microcontroller
80C188
16-bit microcontroller with 8-bit external data bus
80L186
Low-voltage, 16-bit microcontroller
80L188
Low-voltage, 16-bit microcontroller with 8-bit external data bus
Am186EM
High-performance, 80C186-compatible, 16-bit embedded microcontroller
Am188EM
High-performance, 80C188-compatible, 16-bit embedded microcontroller with 8-bit external data bus
Am186EMLV High-performance, 80C186-compatible, low-voltage, 16-bit embedded microcontroller
Am188EMLV High-performance, 80C188-compatible, low-voltage, 16-bit embedded microcontroller with 8-bit
external data bus
Am186ES
High-performance, 80C186-compatible, 16-bit embedded microcontroller
Am188ES
High-performance, 80C188-compatible, 16-bit embedded microcontroller with 8-bit external data bus
Am186ESLV High-performance, 80C186-compatible, low-voltage, 16-bit embedded microcontroller
Am188ESLV High-performance, 80C188-compatible, low-voltage, 16-bit embedded microcontroller with 8-bit
external data bus
Am186ED
High-performance, 80C186- and 80C188-compatible, 16-bit embedded microcontroller with 8- or 16-
bit external data bus
Am186EDLV High-performance, 80C186- and 80C188-compatible, low-voltage, 16-bit embedded microcontroller
with 8- or 16-bit external data bus
Am186ER
High-performance, 80C186-compatible, low-voltage, 16-bit embedded microcontroller with 32 Kbyte
of internal RAM
Am188ER
High-performance, 80C188-compatible, low-voltage, 16-bit embedded microcontroller with 8-bit
external data bus and 32 Kbyte of internal RAM
Élan™SC300 High-performance, highly integrated, low-voltage, 32-bit embedded microcontroller
ÉlanSC310
High-performance, single-chip, 32-bit embedded PC/AT microcontroller
ÉlanSC400
Single-chip, low-power, PC/AT-compatible microcontroller
ÉlanSC410
Single-chip, PC/AT-compatible microcontroller
Am386®DX
High-performance, 32-bit embedded microprocessor with 32-bit external data bus
Am386®SX
High-performance, 32-bit embedded microprocessor with 16-bit external data bus
Am486®DX
High-performance, 32-bit embedded microprocessor with 32-bit external data bus
AT Peripheral
Microcontrollers
186 Peripheral
Microcontrollers
ÉlanSC400
Microcontroller
80C186 and 80C188
Microcontrollers
Microprocessors
ÉlanSC300
Microcontroller
Am386SX/DX
Microprocessors
Am486DX
Microprocessor
Time
The E86 Family of Embedded Microprocessors and Microcontrollers
Am186ES and
Am188ES
Microcontrollers
Am186EM and
Am188EM
Microcontrollers
Am186 and
Am188 Future
ÉlanSC310
Microcontroller
80L186 and 80L188
Microcontrollers
Am186EMLV &
Am188EMLV
Microcontrollers
Am186ESLV &
Am188ESLV
Microcontrollers
32-bit Future
Am186ER and
Am188ER
Microcontrollers
Future
K86™
ÉlanSC410
Microcontroller
Am486
Future
Am186ED
Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88