công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM186EM bảng dữ liệu(PDF) 77 Page - Advanced Micro Devices

tên linh kiện AM186EM
Giải thích chi tiết về linh kiện  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM bảng dữ liệu(HTML) 77 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 73Page - Advanced Micro Devices AM186EM Datasheet HTML 74Page - Advanced Micro Devices AM186EM Datasheet HTML 75Page - Advanced Micro Devices AM186EM Datasheet HTML 76Page - Advanced Micro Devices AM186EM Datasheet HTML 77Page - Advanced Micro Devices AM186EM Datasheet HTML 78Page - Advanced Micro Devices AM186EM Datasheet HTML 79Page - Advanced Micro Devices AM186EM Datasheet HTML 80Page - Advanced Micro Devices AM186EM Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
77
P R E L IMINAR Y
PSRAM Refresh Cycle Waveforms
CLKOUTA
t1
t2
t3
t4
tW *
LCS
RD
Address
A19–A0
ALE
9
25
26
27
28
10
RFSH
11
t1
79
85
82
80
81
86
*
The period tw is fixed at 3 wait states for PSRAM auto refresh only.
27
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98