công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM186ED bảng dữ liệu(PDF) 76 Page - Advanced Micro Devices

tên linh kiện AM186ED
Giải thích chi tiết về linh kiện  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED bảng dữ liệu(HTML) 76 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 72Page - Advanced Micro Devices AM186ED Datasheet HTML 73Page - Advanced Micro Devices AM186ED Datasheet HTML 74Page - Advanced Micro Devices AM186ED Datasheet HTML 75Page - Advanced Micro Devices AM186ED Datasheet HTML 76Page - Advanced Micro Devices AM186ED Datasheet HTML 77Page - Advanced Micro Devices AM186ED Datasheet HTML 78Page - Advanced Micro Devices AM186ED Datasheet HTML 79Page - Advanced Micro Devices AM186ED Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
76
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
INTERRUPT ACKNOWLEDGE CYCLE WAVEFORMS
CLKOUTA
t1
t2
t3
t4
tW
S2–S0
Status
ALE
AD15–AD0
INTA1–INTA0
DEN
DT/R
Ptr
A19–A0
S6
BHE
BHE
8
1
2
3
4
7
9
10
11
12
15
19
20
22
22
22
68
31
(a)
(b)
(c)
(d)
S6
21
Notes:
a
The status bits become inactive in the state preceding t4.
b
The data hold time lasts only until the interrupt acknowledge signal deasserts, even if the interrupt acknowledge
transition occurs prior to tCLDX (min).
c
This parameter applies for an interrupt acknowledge cycle that follows a write cycle.
d
If followed by a write cycle, this change occurs in the state preceding that write cycle.
4
Invalid
23
Address
S6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88