công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF5902WCCPZ bảng dữ liệu(PDF) 39 Page - Analog Devices

tên linh kiện ADF5902WCCPZ
Giải thích chi tiết về linh kiện  24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF5902WCCPZ bảng dữ liệu(HTML) 39 Page - Analog Devices

Back Button ADF5902WCCPZ Datasheet HTML 31Page - Analog Devices ADF5902WCCPZ Datasheet HTML 32Page - Analog Devices ADF5902WCCPZ Datasheet HTML 33Page - Analog Devices ADF5902WCCPZ Datasheet HTML 34Page - Analog Devices ADF5902WCCPZ Datasheet HTML 35Page - Analog Devices ADF5902WCCPZ Datasheet HTML 36Page - Analog Devices ADF5902WCCPZ Datasheet HTML 37Page - Analog Devices ADF5902WCCPZ Datasheet HTML 38Page - Analog Devices ADF5902WCCPZ Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Data Sheet
ADF5902
Rev. 0 | Page 39 of 39
OUTLINE DIMENSIONS
0.50
0.40
0.30
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.20 MIN
3.75
3.60 SQ
3.55
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD-5
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 54. 32-Lead Lead Frame Chip Scale Package [LFCSP]
5 mm × 5 mm Body and 0.75 mm Package Height
(CP-32-12)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADF5902WCCPZ
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-12
ADF5902WCCPZ-RL7
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-12
EV-ADF5902SD1Z
Evaluation Board
1 Z = RoHS Compliant Part.
AUTOMOTIVE PRODUCTS
The ADF5902W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16746-0-12/18(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com