| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P80C152JC bảng dữ liệu(PDF) 9 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
P80C152JC bảng dữ liệu(HTML) 9 Page - Intel Corporation |
|
9 / 17 page ![]() 8XC152JAJBJCJD MAX Icc (ACTIVE) e (224 c FREQ) a 416 (Note 6) MAX Icc (IDLE) e (08 c FREQ) a 22 (Note 6) 270431 – 7 Figure 5 ICC vs Frequency EXPLANATION OF THE AC SYMBOLS Each timing symbol has 5 characters The first char- acter is always a ‘T’ (stands for time) The other characters depending on their positions stand for the name of a signal or the logical status of that signal The following is a list of all the characters and what they stand for A Address C Clock D Input data H Logic level HIGH I Instruction (program memory contents) L Logic level LOW or ALE P PSEN Q Output data R READ signal T Time V Valid W WRITE signal X No longer a valid logic level Z Float For example TAVLL e Time for Address Valid to ALE Low TLLPL e Time for ALE Low to PSEN Low 9 |