công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLN212 bảng dữ liệu(PDF) 2 Page - Toshiba Semiconductor

tên linh kiện TLN212
Giải thích chi tiết về linh kiện  INFRARED LIGHT-EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN212 bảng dữ liệu(HTML) 2 Page - Toshiba Semiconductor

  TLN212 Datasheet HTML 1Page - Toshiba Semiconductor TLN212 Datasheet HTML 2Page - Toshiba Semiconductor TLN212 Datasheet HTML 3Page - Toshiba Semiconductor TLN212 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLN212(F)
2004-01-06
2
Optical And Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 50mA
―
1.35
―
V
Pulse forward voltage
VFP
IFP = 300mA, t = 10ms
―
1.67
1.85
V
Reverse current
IR
VR = 1V
―
―
100
µA
X
Half value of peak
(Note 1)
―
388
―
Effective emission spot
diameter
Y
Half value of peak
(Note 1)
―
296
―
µm
Radiation flux
(Note)
φe
IFP = 300mA, t = 10ms
(Note 2)
8
12
―
mW
Half value angle
θ
2
1
IF = 50mA
―
±35
―
°
Peak emission wavelength
λP
IF = 50mA
850
870
900
nm
Spectral line half width
∆λ
IF = 50mA
―
40
―
nm
(Note1): The direction of X, Y are in the following diagram.
The shaded area represents the emitting surface.
(Note 2): Luminous radiation output effective angle = ±25 degree
Precaution
Please be careful of the followings.
1. Soldering temperature: 260°C max
Soldering time: 5s max
(Soldering must be performed 2mm from the bottom of the package.)
2. When forming the leads, bend each lead under the 2mm from the body of the device.
Soldering must be performed after the leads have been formed.
3. The TLN212(F) for a still camera AF use only. Please do not use this device except for a still camera.
LED chip
X
Y



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com