| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P9225-R-EVK bảng dữ liệu(PDF) 4 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
P9225-R-EVK bảng dữ liệu(HTML) 4 Page - Integrated Device Technology |
|
4 / 34 page ![]() P9225-R Datasheet © 2018 Integrated Device Technology, Inc. 4 November 12, 2018 Table 11. Firmware Minor Revision...................................................................................................................................................................23 Table 12. Status Registers ................................................................................................................................................................................23 Table 13. Interrupt Status Registers..................................................................................................................................................................24 Table 14. Interrupt Enable Registers.................................................................................................................................................................24 Table 15. Battery Charge Status .......................................................................................................................................................................25 Table 16. End Power Transfer...........................................................................................................................................................................25 Table 17. Read Register – Output Voltage........................................................................................................................................................25 Table 18. Read Register – VRECT Voltage ......................................................................................................................................................25 Table 19. Read Register – IOUT Current.............................................................................................................................................................25 Table 20. Read Register – Die Temperature.....................................................................................................................................................26 Table 21. Read Register – Operating Frequency..............................................................................................................................................26 Table 22. Command Register............................................................................................................................................................................26 Table 23. Clear Interrupt Bits.............................................................................................................................................................................27 Table 24. WPC Power Transfer Phase Indicator Register ................................................................................................................................27 Table 25. Recommended Coil Manufacturers...................................................................................................................................................30 Table 26. P9225-R MM Evaluation Kit V1.0 Bill of Materials.............................................................................................................................32 |