công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SVRGA0508S/H+ bảng dữ liệu(PDF) 7 Page - VPT, Inc.

tên linh kiện SVRGA0508S/H+
Giải thích chi tiết về linh kiện  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VPT [VPT, Inc.]
Trang chủ  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S/H+ bảng dữ liệu(HTML) 7 Page - VPT, Inc.

Back Button SVRGA0508S/H+ Datasheet HTML 3Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 4Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 5Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 6Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 7Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 8Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 9Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 10Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 11Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRGA0508S - 5.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 7
SVRGA0508S Series
6.2.2 Adjusting the Output Voltage (TRIM)
The output voltage of the converter is set with an external resistor connected from the TRIM pin to the COM pin. This resistor must
have a tolerance of 1% or better to achieve an accurate output voltage. The default output voltage with the TRIM pin left open is 0.8 V.
SVRGA0508S
+Vout (V)
Rtrim (Ω)
0.8
None
0.9
205k
1.0
99.9k
1.2
47.4k
1.5
24.9k
1.8
15.9k
1.9
13.9k
2.0
12.4k
2.5
7.25k
2.8
5.4k
3.0
4.44k
3.3
3.30k
3.4
2.98k
6.3 PROTECTION FEATURES
6.3.1 Input Undervoltage Lockout
The SVRGA0508S Series provides input undervoltage lockout protection. For input voltages below the turn-on voltage, the converter
will remain off. When the input voltage exceeds the turn-on voltage, the converter will start. For input voltages below the operating
range of the converter but above the UVLO turn-off voltage, the converter may reach its maximum duty cycle and the output may drop
out of regulation.
6.3.2 Output Soft-Start
The SVRGA0508S Series utilizes an output soft-start function to ramp the output in a controlled manner, eliminating output voltage
overshoot and limiting inrush current at turn on. A voltage mode soft-start ensures the output waveform remains consistent regardless
of changes in the load current. The output rise time is approximately 5 ms. The soft-start function is active whether the module is
turned on with an application of input voltage or from release of the INH pin. The turn-on delay time is specified from the application of
input voltage (or release of INH pin) until the output reaches 90% of its final value.
6.3.3 Output Short Circuit Protection
The SVRGA0508S Series provides output short circuit protection. When a sustained high peak current is detected, the converter will
shut down and enter a hiccup mode. After a delay, the converter will attempt a soft-start. This sequence will continue until the fault is
removed, allowing the converter to soft-start and resume normal operation.
6.4 THERMAL CONSIDERATIONS
The SVRGA0508S is rated for full power operation at 125 °C. Operation above 125 °C is allowed at reduced power. Specifically, the
output power should be derated linearly from full power at 125 °C to half power at 130 °C and to zero power at 135 °C. The operating
temperature of the converter is specified on the baseplate of the converter. The converter is designed to be conduction-cooled, with the
baseplate mounted to a heat sink, chassis, PCB or other thermal surface. The internal power dissipating components are mounted to
the baseplate of the converter and all heat flow is through the baseplate. The lid of the converter does not provide a good thermal path.
The hybrid DC-DC converter contains many semiconductor components. The maximum temperature rise from junction to case is 11 °C
at full load.
+
-
+
-
0.7 V
210K
30K
5.1K
+VOUT
8
TRIM
6
COM
7
Rtrim
+SENSE
5
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com