| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95640-SDW3TP bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95640-SDW3TP bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 42 page ![]() 13/42 M95640, M95320 INSTRUCTIONS Each instruction starts with a single-byte code, as summarized in Table 6.. If an invalid instruction is sent (one not contained in Table 6.), the device automatically deselects it- self. Table 6. Instruction Set Instruc tion Description Instruction Format WREN Write Enable 0000 0110 WRDI Write Disable 0000 0100 RDSR Read Status Register 0000 0101 WRSR Write Status Register 0000 0001 READ Read from Memory Array 0000 0011 WRITE Write to Memory Array 0000 0010 |