| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DVME28FULKB bảng dữ liệu(PDF) 16 Page - VPT, Inc. |
|
|
|||||||||||||||||||||||||||||
DVME28FULKB bảng dữ liệu(HTML) 16 Page - VPT, Inc. |
|
16 / 16 page ![]() DVME28 Series DVME28-6.0 16 DSCC DRAWING NUMBER DSCC Drawing DVME28 Series Similar Part Number 07004-01HXC 07004-01HXA 07004-01KXC 07004-01KXA DVME28/H DVME28/H-E DVME28/K DVME28/K-E 07004-01HYC 07004-01HYA 07004-01KYC 07004-01KYA DVME28F/H DVME28F/H-E DVME28F/K DVME28F/K-E Do not use the DVME28 Series similar part number for SMD product acquisition. It is listed for reference only. For exact specifications for the SMD product, refer to the SMD drawing. SMDs can be downloaded from the DLA Land and Maritime (Previously known as DSCC) website at https://landandmaritimeapps.dla.mil/programs/defaultapps.asp. The SMD number listed above represents the Federal Stock Class, Device Type, Device Class Designator, Case Outline, Lead Finish and RHA Designator (where applicable). Please reference the SMD for other screening levels, lead finishes, and radiation levels. All SMD products are marked with a “Q” on the cover as specified by the QML certification mark requirement of MIL-PRF-38534. CONTACT INFORMATION To request a quotation or place orders please contact your sales representative or the VPT Inc. Sales Department at: Phone: (425) 353-3010 Fax: (425) 353-4030 E-mail: vptsales@vpt-power.com All information contained in this datasheet is believed to be accurate, however, no responsibility is assumed for possible errors or omissions. The products or specifications contained herein are subject to change without notice. |