công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DVAB2805DFES bảng dữ liệu(PDF) 11 Page - VPT, Inc.

tên linh kiện DVAB2805DFES
Giải thích chi tiết về linh kiện  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VPT [VPT, Inc.]
Trang chủ  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVAB2805DFES bảng dữ liệu(HTML) 11 Page - VPT, Inc.

Back Button DVAB2805DFES Datasheet HTML 6Page - VPT, Inc. DVAB2805DFES Datasheet HTML 7Page - VPT, Inc. DVAB2805DFES Datasheet HTML 8Page - VPT, Inc. DVAB2805DFES Datasheet HTML 9Page - VPT, Inc. DVAB2805DFES Datasheet HTML 10Page - VPT, Inc. DVAB2805DFES Datasheet HTML 11Page - VPT, Inc. DVAB2805DFES Datasheet HTML 12Page - VPT, Inc. DVAB2805DFES Datasheet HTML 13Page - VPT, Inc. DVAB2805DFES Datasheet HTML 14Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DVAB2800D Series
DVAB2800D-3.0
11
ENVIRONMENTAL SCREENING (100% Tested Per MIL-STD-883 as referenced to MIL-PRF-38534)
Test
MIL-STD-883
Test Method, Condition
No Suffix
(Standard)
Non-QML
⑤
⑤
⑤
⑤
/ES
(Extended)
Non-QML
⑤
⑤
⑤
⑤
/H
(Class H)
/K
(Class K)
Non-Destructive
Bond Pull
TM2023
●
④
●
④
●
④
●
Internal Visual
TM2010, TM2017,
TM2032
(MIL-STD-750, TM2072,
TM2073)
●
●
●
●
Temperature
Cycling
TM1010, Condition C
-65°C to 150°C, Ambient
●
●
TM1010, Condition B
-55°C to 125°C, Ambient
●
Constant
Acceleration
TM2001, 3000g, Y1
Direction
●
●
TM2001, 500g,
Y1 Direction
●
PIND ⑦
TM2020, Condition A
●
Pre Burn-In
Electrical
25°C
●
Burn-In
TM1015, 320 hrs,
125°C, Case Typ
●
TM1015, 160 hrs,
125°C, Case Typ
●
96 hrs, 125°C, Case Typ
●
24 hrs, 125°C, Case Typ
●
Final Electrical
MIL-PRF-38534, Group A
Subgroups 1-6
-55°C, 25°C, 125°C ③
●
●
MIL-PRF-38534, Group A
Subgroups 1 and 4
25°C
●
●
Hermeticity
(Seal)
TM1014, Fine Leak,
Condition A2 or B1
●
●
●
TM1014, Gross Leak,
Condition C or B2
●
●
●
Gross Leak, Dip (1 x 10
-3)
●
Radiography ⑧
TM2012
●
External Visual
TM2009
●
●
●
●
Notes:
①
Contact Sales for more information concerning additional environmental screening and testing options desired.
②
VPT Inc. reserves the right to ship higher screened or SMD products to meet lower screened orders at our sole discretion unless
specifically forbidden by customer contract.
③
100% R&R testing with all test data included in product shipment.
④
Not required per MIL-PRF-38534. Test is performed for additional product quality assurance.
⑤
Non-QML products may not meet all requirements of MIL-PRF-38534.
⑥
Note intentionally not used.
⑦
PIND test Certificate of Compliance included in product shipment.
⑧
Radiographic test Certificate of Compliance and film(s) or data CD included in product shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com