| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PTMP6131DECTQ1 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PTMP6131DECTQ1 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 27 page ![]() 9 TMP61-Q1 www.ti.com SNIS210 – APRIL 2019 Product Folder Links: TMP61-Q1 Submit Documentation Feedback Copyright © 2019, Texas Instruments Incorporated Feature Description (continued) (1) Assuming ideal current source (2) Table defined based on 4th order equation case of a voltage divider circuit with the TMP61-Q1 in the high side, VTemp is taken across RBias. Table 1. TMP61-Q1 Transfer Table Using an Ideal IBias of 200 µA TEMPERATURE (°C) RESISTANCE (Ω) ΔR/ΔT (Ω/°C) TEMPERATURE ERROR(1)(2) (°C) MIN TYP MAX –40 6445 6543 6641 42 2.32 –35 6657 6759 6860 44 2.30 –30 6879 6983 7088 46 2.29 –25 7109 7217 7325 48 2.28 –20 7347 7459 7571 49 2.27 –15 7594 7710 7825 51 2.27 –10 7849 7968 8088 53 2.27 –5 8112 8235 8359 54 2.28 0 8425 8510 8595 56 1.53 5 8704 8792 8880 57 1.53 10 8992 9083 9173 59 1.54 15 9287 9381 9475 60 1.55 20 9590 9687 9783 62 1.56 25 9900 10000 10100 63 1.58 30 10218 10321 10424 65 1.59 35 10544 10650 10757 67 1.60 40 10877 10987 11097 68 1.61 45 11218 11332 11445 70 1.62 50 11568 11685 11801 71 1.64 55 11925 12045 12166 73 1.65 60 12291 12415 12539 75 1.66 65 12665 12792 12920 76 1.67 70 13047 13179 13311 78 1.69 75 13371 13574 13778 80 2.55 80 13769 13979 14188 82 2.56 85 14177 14393 14608 84 2.58 90 14594 14816 15038 86 2.59 95 15021 15250 15479 88 2.61 100 15458 15694 15929 90 2.62 105 15906 16148 16391 92 2.63 110 16365 16614 16863 94 2.64 115 16835 17091 17348 97 2.65 120 17317 17581 17844 99 2.66 125 17811 18082 18353 102 2.67 |