| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV5345T bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5345T bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 25 page ![]() APPLICATION NOTES ORGANIZATION OF A PAGE-MEMORY The organization of a page-memory is shown in Figure 10. The STV5345 chip provides a display format of 25 rows of 40 characters per row. The organizationis as follows : Row zero contains the page header. The first seven characters (0 - 6) are used for messages regarding the operational status. The eighth character is an alphanumeric control character either ”white” or ”green” defining the ”search” status of the page. When it is ”white” the operational state is normal and the header appears white ; when it is ”green” the operational state corresponds to ”search mode” and the header appears green. The following twenty-four charac- ters give the header of the requested page when the system is in search mode. The last eight char- acters display the time of day. Row number twenty-four is used by the microproc- essor for the display of information. Row twenty-five comprises ten bytes of control data concerning the received page (see Table 1) and fourteen free bytes which can be used by the microprocessor. 1 724 8 10 14 this row always free for status 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 ROW 8 scrolling time characters 24 characters from page header rolling on page search Fixed characters Alphanumerics white for normal, green on searc h 7 Status Characters MAIN PAGE DISPLAY AREA 14 byte s free for use by µC 10 bytes for received page information PAGE MEMORY ORGANISATION Figure 10 STV5345 - STV5345/H - STV5345/T 13/25 |