công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

467MC bảng dữ liệu(PDF) 3 Page - 3M Electronics

tên linh kiện 467MC
Giải thích chi tiết về linh kiện  3M™ High Performance Acrylic Adhesive 200MP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  3M [3M Electronics]
Trang chủ  http://www.3m.com
Logo 3M - 3M Electronics

467MC bảng dữ liệu(HTML) 3 Page - 3M Electronics

  467MC Datasheet HTML 1Page - 3M Electronics 467MC Datasheet HTML 2Page - 3M Electronics 467MC Datasheet HTML 3Page - 3M Electronics 467MC Datasheet HTML 4Page - 3M Electronics 467MC Datasheet HTML 5Page - 3M Electronics 467MC Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Converters
• Better roll aging and storage stability
minimizes edge picking and waste
• Clear and precise razor slitting for
higher productivity and yield
• Consistent die-cutting with precise
tooling
OEMs
• Short term repositionability for placement
accuracy
• Up to 400°F short term heat resistance
• Slippage resistance in warm environments
for clean graphic edges
• Consistent liner release over time
(unlike high tack products)
High shear benefits at a glance
Less adhesive oozing at slitting
and die-cutting helps improve
rapid part processing with
minimal waste. Finished
graphic is neat and clean
because edges are less
likely to ooze and
collect dirt.
180
150
120
90
50
30
0
Peel
[72 hr. 158°F Dwell]
XYZ
[Product B]
115
3M 9505
(220)
143
XYZ
[Product A]
112
3M 468MP
(200MP)
159
12000
10000
8000
6000
4000
2000
0
Static Shear
[ASTM D3654 .5 inch2, 158°F, 1000 grams]
Note: Technical information and data should be considered representative or typical only and should not be used for specification purposes.
Comp XYZ
[Product B]
160
3M 9505
[220]
604
Comp. XYZ
[Product A]
320
3M 468MP
[200MP]
10000
Less oozing
and tight edges
8
9



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com