công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APT1608F3C bảng dữ liệu(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

tên linh kiện APT1608F3C
Giải thích chi tiết về linh kiện  1.6 x 0.8 mm Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Trang chủ  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APT1608F3C bảng dữ liệu(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APT1608F3C Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT1608F3C Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT1608F3C Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT1608F3C Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2019 Kingbright. All Rights Reserved. Spec No: DSAH3781 / 1203001654 Rev No: V.9A Date: 03/19/2019
Page 2 / 4
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APT1608F3C
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Infrared
940
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Infrared
50
-
nm
Capacitance
C
Infrared
90
-
pF
Forward Voltage IF = 20mA
VF
[1]
Infrared
1.2
1.6
V
Reverse Current (VR = 5V)
IR
Infrared
-
10
μA
Temperature Coefficient of Wavelength
IF = 20mA, -10°C ≤ T ≤ 85°C
TCλ
Infrared
0.3
-
nm/°C
Temperature Coefficient of VF
IF = 20mA, -10°C ≤ T ≤ 85°C
TCV
Infrared
-1.2
-
mV/°C
Notes:
1. Forward voltage: ±0.1V.
2. Wavelength value is traceable to CIE127-2007 standards.
3. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
ABSOLUTE MAXIMUM RATINGS at TA=25°C
Parameter
Symbol
Unit
Power Dissipation
PD
90
mW
Reverse Voltage
VR
5
V
Junction Temperature
Tj
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
50
mA
Peak Forward Current
IFM
[1]
1200
mA
Thermal Resistance (Junction / Ambient)
Rth JA
[2]
320
°C/W
Thermal Resistance (Junction / Solder point)
Rth JS
[2]
220
°C/W
Value
Electrostatic Discharge Threshold (HBM)
-
8000
V
Notes:
1. 1/100 Duty Cycle, 10μs Pulse Width.
2. Rth JA ,Rth JS Results from mounting on PC board FR4 (pad size ≥ 16 mm
2 per pad).
3. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com