| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSH300IDT bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH300IDT bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 18 page ![]() Absolute Maximum Ratings TSH300 2/18 1 Absolute Maximum Ratings Table 1. Key parameters and their absolute maximum ratings Symbol Parameter Value Unit VCC Supply Voltage (1) 1. All voltage values are measured with respect to the ground pin. 6V Vid Differential Input Voltage(2) 2. Differential voltage is between the non-inverting input terminal and the inverting input terminal. +/-0.5 V Vin Input Voltage Range(3) 3. The magnitude of input and output voltage must never exceed VCC +0.3V. +/-2.5 V Toper Operating Free Air Temperature Range -40 to +85 °C Tstg Storage Temperature -65 to +150 °C Tj Maximum Junction Temperature 150 °C Rthja Thermal Resistance Junction to Ambient SOT23-5L SO8 250 150 °C/W Rthjc Thermal Resistance Junction to Case SOT23-5L SO8 80 28 °C/W Pmax Maximum Power Dissipation(4) (@Ta=25°C) for Tj=150°C SOT23-5L SO8 4. Short-circuits can cause excessive heating. Destructive dissipation can result from short circuits on amplifiers. 500 830 mW ESD HBM: Human Body Model (5) (all packages) 5. Human body model, 100pF discharged through a 1.5k Ω resistor into P min of device. 1kV MM: Machine Model (6) (all packages) 6. This is a minimum value. Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with no external series resistor (internal resistor < 5 Ω), into pin to pin of device. 150 V CDM: Charged Device Model (SO8) 1.5 kV Latch-up Immunity 200 mA Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply Voltage (1) 1. Tested in full production at 5V (±2.5V) supply voltage. 4.5 to 5.5 V Vicm Common Mode Input Voltage -1.5 to +1.6 V |