| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95640-RMN3 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95640-RMN3 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 42 page ![]() M95640, M95320 22/42 MAXIMUM RATING Stressing the device outside the ratings listed in Table 9. may cause permanent damage to the de- vice. These are stress ratings only, and operation of the device at these, or any other conditions out- side those indicated in the Operating sections of this specification, is not implied. Exposure to Ab- solute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 9. Absolute Maximum Ratings Note: 1. Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU 2. AEC-Q100-002 (compliant with JEDEC Std JESD22-A114A, C1=100pF, R1=1500 Ω, R2=500Ω) Symbol Parameter Min. Max. Unit TSTG Storage Temperature –65 150 °C TLEAD Lead Temperature during Soldering See note 1 °C VO Output Voltage –0.50 VCC+0.6 V VI Input Voltage –0.50 6.5 V VCC Supply Voltage –0.50 6.5 V VESD Electrostatic Discharge Voltage (Human Body model) 2 –4000 4000 V |